Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 33 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 33 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 29Page - Dallas Semiconductor DS3141 Datasheet HTML 30Page - Dallas Semiconductor DS3141 Datasheet HTML 31Page - Dallas Semiconductor DS3141 Datasheet HTML 32Page - Dallas Semiconductor DS3141 Datasheet HTML 33Page - Dallas Semiconductor DS3141 Datasheet HTML 34Page - Dallas Semiconductor DS3141 Datasheet HTML 35Page - Dallas Semiconductor DS3141 Datasheet HTML 36Page - Dallas Semiconductor DS3141 Datasheet HTML 37Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
33 of 88
Bit 3: DS3/E3 Transmit Alarm-Indication Signal (TAIS). When this bit is logic 1 in DS3 mode, the transmitter
generates DS3 AIS, which is a properly F-bit and M-bit framed 1010... data pattern with both X bits set to 1, all C
bits set to 0, and the proper P bits. When this bit is logic 1 in E3 mode, the transmitter generates an unframed all-
ones pattern. When this bit is logic 0, normal data is transmitted.
0 = do not transmit AIS
1 = transmit AIS
Bit 4: DS3/E3 Transmit Remote Alarm Indication (TRAI). When this bit is logic 1 in DS3 mode, both X bits of
each DS3 frame are set to logic 0. When this bit is logic 1 in E3 mode, the RAI bit (bit 11 of each E3 frame) is set to
logic 1. When this bit is logic 0 in DS3 mode, both X bits are set to logic 1. When this bit is logic 0 in E3 mode, the
RAI bit is set to logic 0.
0 = do not transmit RAI
1 = transmit RAI
Bit 5: Transmit DS3 Idle Signal Enable (T3IDLE). When this bit is logic 1 in DS3 mode, the transmitter generates
the DS3 idle signal instead of the normal transmit data. The DS3 idle signal is defined as a normally DS3 framed
pattern (i.e., with the proper F bits and M bits along with the proper P bits) where the information bit fields are
completely filled with a data pattern of 1100..., the C bits in Subframe 3 are set to logic 0, and both X bits are set to
logic 1. In C-Bit Parity mode, the PMDL and FEAC channels are still enabled. This bit is ignored in the E3 mode.
0 = do not transmit DS3 idle signal
1 = transmit DS3 idle signal
Bits 6, 7: E3 National Bit Control (E3SnC[1:0]). These bits determine the source of the E3 National bit (Sn). On
the receive side, the Sn bit is always routed to the T3E3IR register as well as the HDLC controller and the FEAC
controller. These bits are ignored in DS3 mode.
E3SnC1
E3SnC0
SOURCE OF THE E3 NATIONAL BIT (Sn)
0
0
Force the Sn bit to logic 1
0
1
Source the Sn bit from the HDLC controller
1
0
Source the Sn bit from the FEAC controller
1
1
Force the Sn bit to logic 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com