Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 13Page - Dallas Semiconductor DS3141 Datasheet HTML 14Page - Dallas Semiconductor DS3141 Datasheet HTML 15Page - Dallas Semiconductor DS3141 Datasheet HTML 16Page - Dallas Semiconductor DS3141 Datasheet HTML 17Page - Dallas Semiconductor DS3141 Datasheet HTML 18Page - Dallas Semiconductor DS3141 Datasheet HTML 19Page - Dallas Semiconductor DS3141 Datasheet HTML 20Page - Dallas Semiconductor DS3141 Datasheet HTML 21Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
17 of 88
6.1 Status Register Description
There are two types of bits used to build the status and information registers. The real-time status register bit
indicates the state of the corresponding signal at the time it was read. The latched status register bit is set when
the corresponding signal changes state (low-to-high, high-to-low, or both, depending on the bit). The latched status
bit is cleared when written with logic 1 and is not set again until the corresponding signal changes state again.
The following is example host-processor pseudocode that checks to see if the BERT SYNC status has changed:
If ((BSRL and 01h) neq 0) then
// SYNCL bit is set
BSRL = 01h
// Clear SYNCL bit only
If ((BSR and 01h) neq 0) then
// BERT has changed to in sync
–––––
Else
// BERT has changed to out of sync
–––––
There are four suffixes used for status and information register names: SR for real-time status registers, SRL for
latched status registers, SRIE for interrupt-enable registers, and IR for information registers. Latched status bits
have the suffix “L” and interrupt-enable bits have the suffix “IE.” The bits in the SR, SRL, and SRIE registers are
arranged such that related real-time status, latched status, and interrupt-enable bits are located in the same bit
position in neighboring registers. For example, Table 6-B shows that the real-time status bit SYNC, the latched
status bit SYNCL, and the interrupt-enable bit SYNCIE are all located in bit 0 of their respective registers (BSR,
BSRL, and BSRIE).
When set, most latched status register bits can cause an interrupt on the
INT pin if the corresponding interrupt-
enable register bit is also set. Most latched status register bits have an associated real-time status register bit.
Information registers can contain a mix of real-time and latched status bits, none of which can cause an interrupt.
Table 6-B. Status Register Set Example
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
BSR
N/A
N/A
RA1
RA0
N/A
BBCO
BECO
SYNC
BSRL
N/A
N/A
RA1L
RA0L
BEDL
BBCOL
BECOL
SYNCL
BSRIE
N/A
N/A
N/A
N/A
BEDIE
BBCOIE
BECOIE
SYNCIE
Figure 6-1. Status Register Interrupt Flow
WR
WR
EVENT
LATCHED STATUS REGISTER
SET ON EVENT DETECT
CLEAR ON WRITE LOGIC 1
INT ENABLE
REGISTER
SR
SRL
INT
OTHER INT
SOURCE
REAL-TIME STATUS
LATCHED STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com