Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 61 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 61 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 57Page - Dallas Semiconductor DS3141 Datasheet HTML 58Page - Dallas Semiconductor DS3141 Datasheet HTML 59Page - Dallas Semiconductor DS3141 Datasheet HTML 60Page - Dallas Semiconductor DS3141 Datasheet HTML 61Page - Dallas Semiconductor DS3141 Datasheet HTML 62Page - Dallas Semiconductor DS3141 Datasheet HTML 63Page - Dallas Semiconductor DS3141 Datasheet HTML 64Page - Dallas Semiconductor DS3141 Datasheet HTML 65Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
61 of 88
Register Name:
RHDLC1
Register Description:
Receive HDLC FIFO Data
Register Address:
5Ch
Bit #
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
Default
—
—
—
—
—
—
—
—
Note: After the RHDLC2 register is read, the receive FIFO read pointer advances and both the RHDLC1 and RHDLC2 registers are updated
with the next data/status from the receive FIFO. The host processor should read RHDLC1 first to retrieve the FIFO data and then immediately
read RHDLC2 to retrieve the associated FIFO status bits.
Bits 0 to 7: Receive FIFO Data (D[7:0]). These bits contain the next byte of receive FIFO data. D0 is the LSB and
is the first bit received by the framer, while D7 is the MSB and is the last bit received. Reading this register does
not cause the receive FIFO read pointer to advance.
Register Name:
RHDLC2
Register Description:
Receive HDLC FIFO Status
Register Address:
5Dh
Bit #
7
6
5
4
3
2
1
0
Name
N/A
N/A
N/A
N/A
PS1
PS0
CBYTE
OBYTE
Default
—
—
—
—
—
—
—
—
Bit 0: Opening Byte Indicator (OBYTE). This bit is set to 1 when the RHDLC1 register contains the first byte of an
HDLC packet.
Bit 1: Closing Byte Indicator (CBYTE). This bit is set to 1 when the RHDLC1 register contains the last byte of an
HDLC packet, whether the packet is valid or not. The host processor can check the PS[1:0] bits to determine
packet validity.
Bits 2, 3: Packet Status (PS[1:0]). These bits are only valid when the CBYTE bit is set to 1. These bits indicate
the validity of the incoming packet and the cause of the problem if the packet was received in error.
PS[1:0]
PACKET STATUS
REASON FOR INVALID RECEPTION OF THE PACKET
00
Valid
—
01
Invalid
Corrupt CRC
10
Invalid
Incoming packet was either too short (less than 4 bytes including the CRC)
or did not contain an integral number of octets
11
Invalid
Abort sequence detected
Packets fewer than four bytes long (including the FCS) are invalid and the data that appears in the FIFO in such
instances is meaningless. If only one byte is received between flags, then both the CBYTE and OBYTE bits are
set. If two bytes are received, then OBYTE is set for the first byte received and CBYTE is set for the second byte
received. If three bytes are received, then OBYTE is set for the first byte received and CBYTE is set for the third
byte received. In all of these cases, the packet status is reported as PS[1:0] = 10, and the data in the FIFO should
be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com