Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 48 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 48 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 44Page - Dallas Semiconductor DS3141 Datasheet HTML 45Page - Dallas Semiconductor DS3141 Datasheet HTML 46Page - Dallas Semiconductor DS3141 Datasheet HTML 47Page - Dallas Semiconductor DS3141 Datasheet HTML 48Page - Dallas Semiconductor DS3141 Datasheet HTML 49Page - Dallas Semiconductor DS3141 Datasheet HTML 50Page - Dallas Semiconductor DS3141 Datasheet HTML 51Page - Dallas Semiconductor DS3141 Datasheet HTML 52Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
48 of 88
Register Name:
BCR4
Register Description:
BERT Control Register 4
Register Address:
33h
Bit #
7
6
5
4
3
2
1
0
Name
AWC7
AWC6
AWC5
AWC4
AWC3
AWC2
AWC1
AWC0
Default
0
0
0
0
0
0
0
0
Bits 0 to 7: Alternating Word Count Rate (AWC[7:0]). When the BERT is programmed in the alternating word
mode, it transmits the word in register RP[15:0] a number of times equal to AWC[7:0] + 1 and then transmits the
word loaded in RP[31:16] the same number of times. The valid count range is from 00h to FFh. These bits are
ignored if the BERT is programmed for a pseudorandom pattern or a repetitive pattern.
AWC VALUE
ALTERNATING COUNT ACTION
00h
Send the word in RP[15:0] 1 time followed by the word in RP[31:16] 1 time…
01h
Send the word in RP[15:0] 2 times followed by the word in RP[31:16] 2 times…
02h
Send the word in RP[15:0] 3 times followed by the word in RP[31:16] 3 times…
.
.
.
.
.
.
FFh
Send the word in RP[15:0] 256 times followed by the word in RP[31:16] 256 times…
Register Name:
BSR
Register Description:
BERT Status Register
Register Address:
38h
Bit #
7
6
5
4
3
2
1
0
Name
N/A
N/A
RA1
RA0
N/A
BBCO
BECO
SYNC
Default
—
—
—
—
—
—
—
—
Bit 0: Synchronization Status (SYNC). This real-time status bit is set when the incoming pattern matches for 32
consecutive bit positions. SYNC bit is cleared when six or more bits out of 64 are received in error.
Bit 1: BERT Error-Counter Overflow (BECO). This real-time status bit is set when the 24-bit BERT error counter
(BEC) saturates. BECO is cleared when BCR1:LC is toggled to load the error counts.
Bit 2: BERT Bit-Counter Overflow (BBCO). This real-time status bit is set when the 32-bit BERT bit counter
(BBC) saturates. BBCO is cleared when BCR1:LC is toggled to load the error counts.
Bit 4: Receive All Zeros (RA0). This real-time status bit is set when 32 consecutive 0s are received. RA0 is
cleared when a 1 is received.
Bit 5: Receive All Ones (RA1). This real-time status bit is set when 32 consecutive 1s are received. RA1 is
cleared when a 0 is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com