Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 44 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 44 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 40Page - Dallas Semiconductor DS3141 Datasheet HTML 41Page - Dallas Semiconductor DS3141 Datasheet HTML 42Page - Dallas Semiconductor DS3141 Datasheet HTML 43Page - Dallas Semiconductor DS3141 Datasheet HTML 44Page - Dallas Semiconductor DS3141 Datasheet HTML 45Page - Dallas Semiconductor DS3141 Datasheet HTML 46Page - Dallas Semiconductor DS3141 Datasheet HTML 47Page - Dallas Semiconductor DS3141 Datasheet HTML 48Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
44 of 88
Register Name:
CPCR1
Register Description:
CP-Bit Parity Error Count Register 1
Register Address:
28h
Bit #
7
6
5
4
3
2
1
0
Name
CPE7
CPE6
CPE5
CPE4
CPE3
CPE2
CPE1
CPE0
Default
0
0
0
0
0
0
0
0
Register Name:
CPCR2
Register Description:
CP-Bit Parity Error Count Register 2
Register Address:
29h
Bit #
7
6
5
4
3
2
1
0
Name
CPE15
CPE14
CPE13
CPE12
CPE11
CPE10
CPE9
CPE8
Default
0
0
0
0
0
0
0
0
Bits 0 to 15: CP-Bit Parity Error Count (CPE[15:0]). This count register contains the value of the internal CP-bit
parity error counter latched during the last error counter update. The internal counter counts the number of DS3
CP-bit parity errors. In E3 mode or M23 DS3 mode this counter is meaningless and should be ignored. A CP-bit
parity error is defined as an occurrence when the majority-decoded state of the three CP bits does not match the
parity calculation made on the information bits. Through the ECC control bit in the T3E3CR2 register, the counter
can be configured to either continue counting CP-bit parity bit errors during an OOF event or not.
Register Name:
FEBECR1
Register Description:
Far-End Block Error Count Register 1
Register Address:
2Ah
Bit #
7
6
5
4
3
2
1
0
Name
FEBE7
FEBE6
FEBE5
FEBE4
FEBE3
FEBE2
FEBE1
FEBE0
Default
0
0
0
0
0
0
0
0
Register Name:
FEBECR2
Register Description:
Far-End Block Error Count Register 2
Register Address:
2Bh
Bit #
7
6
5
4
3
2
1
0
Name
FEBE15
FEBE14
FEBE13
FEBE12
FEBE11
FEBE10
FEBE9
FEBE8
Default
0
0
0
0
0
0
0
0
Bits 0 to 15: Far-End Block Error Count (FEBE[15:0]). This count register contains the value of the internal
FEBE counter latched during the last error counter update. The internal counter counts the number of DS3 far-end
block errors (FEBE). In E3 mode or M23 DS3 mode this counter is meaningless and should be ignored. A FEBE is
defined as an occurrence when the three received FEBE bits do not equal 111. Through the ECC control bit in the
T3E3CR2 register, the counter can be configured to either continue counting FEBE occurrences during an OOF
event or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com