Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 23Page - Dallas Semiconductor DS3141 Datasheet HTML 24Page - Dallas Semiconductor DS3141 Datasheet HTML 25Page - Dallas Semiconductor DS3141 Datasheet HTML 26Page - Dallas Semiconductor DS3141 Datasheet HTML 27Page - Dallas Semiconductor DS3141 Datasheet HTML 28Page - Dallas Semiconductor DS3141 Datasheet HTML 29Page - Dallas Semiconductor DS3141 Datasheet HTML 30Page - Dallas Semiconductor DS3141 Datasheet HTML 31Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
27 of 88
Register Name:
MC5
Register Description:
Master Configuration Register 5
Register Address:
05h
Bit #
7
6
5
4
3
2
1
0
Name
RNEGI
RPOSI
RCLKI
TNEGH
TPOSH
TNEGI
TPOSI
TCLKI
Default
0
0
0
0
0
0
0
0
Bit 0: TCLK Invert Enable (TCLKI)
0 = do not invert the TCLK signal (normal mode)
1 = invert the TCLK signal (inverted mode)
Bit 1: TPOS/TNRZ Invert Enable (TPOSI)
0 = do not invert the TPOS/TNRZ signal (normal mode)
1 = invert the TPOS/TNRZ signal (inverted mode)
Bit 2: TNEG Invert Enable (TNEGI)
0 = do not invert the TNEG signal (normal mode)
1 = invert the TNEG signal (inverted mode)
Bit 3: TPOS/TNRZ Force-High Enable (TPOSH). The TPOS/TNRZ pin can be forced low by setting both the
TPOSH and TPOSI control bits.
0 = allow normal transmit data to appear at the TPOS/TNRZ pin (normal mode)
1 = force the TPOS/TNRZ signal high (force high mode, can be inverted)
Bit 4: TNEG Force-High Enable (TNEGH). The TNEG pin can be forced low by setting both the TNEGH and
TNEGI control bits.
0 = allow normal transmit data to appear at the TNEG pin (normal mode)
1 = force the TNEG signal high (force high mode, can be inverted)
Bit 5: RCLK Invert Enable (RCLKI)
0 = do not invert the RCLK signal (normal mode)
1 = invert the RCLK signal (inverted mode)
Bit 6: RPOS/RNRZ Invert Enable (RPOSI)
0 = do not invert the RPOS/RNRZ signal (normal mode)
1 = invert the RPOS/RNRZ signal (inverted mode)
Bit 7: RNEG/RLCV Invert Enable (RNEGI)
0 = do not invert the RNEG/RLCV signal (normal mode)
1 = invert the RNEG/RLCV signal (inverted mode)
Register Name:
ISR1
Register Description:
Interrupt Status Register 1
Register Address:
06h
Bit #
7
6
5
4
3
2
1
0
Name
N/A
N/A
N/A
N/A
INT4
INT3
INT2
INT1
Default
—
—
—
—
—
—
—
—
This register is a global resource and is mapped into address 06h in every framer in the device. In both interrupt-based and polling-based
device servicing strategies, the host processor should read this register first to determine which framers require servicing.
Bit 0: Interrupt 1 (INT1). This bit is set when framer 1 is driving the
INT pin.
Bit 1: Interrupt 2 (INT2). This bit is set when framer 2 is driving the
INT pin.
Bit 2: Interrupt 3 (INT3). This bit is set when framer 3 is driving the
INT pin.
Bit 3: Interrupt 4 (INT4). This bit is set when framer 4 is driving the
INT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com