Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 10Page - Dallas Semiconductor DS3141 Datasheet HTML 11Page - Dallas Semiconductor DS3141 Datasheet HTML 12Page - Dallas Semiconductor DS3141 Datasheet HTML 13Page - Dallas Semiconductor DS3141 Datasheet HTML 14Page - Dallas Semiconductor DS3141 Datasheet HTML 15Page - Dallas Semiconductor DS3141 Datasheet HTML 16Page - Dallas Semiconductor DS3141 Datasheet HTML 17Page - Dallas Semiconductor DS3141 Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
14 of 88
5.5 CPU Bus Interface Pins
NAME
I/O
FUNCTION
MOT
I
Motorola Bus Mode Select. This pin controls whether the CPU bus operates in Intel mode or in Motorola
mode.
0 = CPU bus is in Intel mode
1 = CPU bus is in Motorola mode
D[7:0]
I/O
CPU Bus Data. The host processor accesses the devices’ internal registers through this bus. These pins
are outputs during reads and inputs otherwise. D7 is the MSB; D0 is the LSB.
A[9:0]
I
CPU Bus Address. The host processor specifies the address of the internal register to be accessed by this
bus. Pins A[9:8] specify the framer to be accessed. In multiplexed bus applications, the A[7:0] pins should
be connected to the D[7:0] pins, and A[9:0] must have a valid register address when the ALE pin goes low.
A9 is the MSB; A0 is the LSB.
ALE
I
CPU Bus Address Latch Enable. This pin controls the address latch for the A[9:0] inputs. When ALE is high,
the latch is transparent. On the falling edge of ALE, the latch samples and holds the A[9:0] inputs. In
nonmultiplexed bus applications, ALE should be wired high. In multiplexed bus applications, A[7:0] should
be connected to D[7:0], and the falling edge of ALE latches the address.
CS
I
CPU Bus Chip Select, Active Low. The host processor selects the device for read or write access by driving
this pin low.
WR (R/W)
I
CPU Bus Write Enable (CPU Bus Read/Write Select), Active Low. In Intel mode (MOT = 0),
WR controls
write accesses to the device. In Motorola mode (MOT = 1), R/
W specifies whether a read or a write access
is to occur.
RD (DS)
I
CPU Bus Read Enable (CPU Bus Data Strobe), Active Low. In Intel mode (MOT = 0),
RD controls read
accesses to the device. In Motorola mode (MOT = 1),
DS controls both read and write accesses to the
device, while the R/
W pin specifies the type of access.
INT
O
CPU Bus Interrupt, Open Drain, Active Low. This pin is driven low by the device if one or more unmasked
interrupt sources within the device are active.
INT remains low until the interrupt is serviced or masked.
SCLK
I
System Clock. An ungapped clock with frequency between 33MHz and 52MHz must be provided to this pin
to run certain logic in the CPU bus port. The use of this clock allows the transmit and receive clocks (TICLK
and RCLK) to be gapped, if desired, without affecting the CPU bus timing. This pin can be connected to
TICLK or RCLK if the signal on one of those pins is an ungapped clock.
5.6 JTAG Interface Pins
NAME
I/O
FUNCTION
JTCLK
I
JTAG IEEE 1149.1 Test Serial Clock. This pin is used to shift data into JTDI on the rising edge and out of
JTDO on the falling edge. If not used, this pin should be wired high.
JTDI
I
JTAG IEEE 1149.1 Test Serial-Data Input (Internal 10k
W Pullup). Test instructions and data are clocked in
on this pin on the rising edge of JTCLK. If not used, JTDI should be left unconnected or driven high.
JTDO
O
JTAG IEEE 1149.1 Test Serial-Data Output. Test instructions are clocked out of this pin on the falling edge
of JTCLK. If not used, JTDO should be left open-circuited. This pin is in tri-state mode after
JTRST is
activated.
JTRST
I
JTAG IEEE 1149.1 Test Reset (Active Low, Internal 10k
W Pullup). This pin is used to asynchronously reset
the test access port controller. At power-up,
JTRST must be driven low and then high. This action sets the
device into the boundary scan bypass mode, allowing normal device operation. If boundary scan is not
used, this pin should be held low.
JTMS
I
JTAG IEEE 1149.1 Test Mode Select (Internal 10k
W Pullup). This pin is sampled on the rising edge of
JTCLK and is used to place the test port into the various defined IEEE 1149.1 states. If not used, JTMS
should be left unconnected or driven high.
5.7 Supply, Test, and Reset Pins
NAME
I/O
FUNCTION
RST
I
Global Hardware Reset (Active Low). When this pin is driven low, all the framers in the device are reset and all
the internal registers are forced to their default values. The device is held in the reset state as long as this pin
is low. The clocks (TICLK and RCLK) must be stable and in spec before this pin is driven high. The device
registers can be configured for operation after the reset is deactivated.
TEST
I
Factory Test Enable (Active Low, Internal 10k
W Pullup). This pin should be left open-circuited.
HIZ
I
High-Z Control (Active Low, Internal 10k
W Pullup). When this pin is low and JTRST is low, all outputs go to the
high-impedance mode. This pin can be left open-circuited by the user.
VSS
Digital Ground Reference. All VSS pins should be wired together.
VDD
Digital Positive Supply. 3.3V (
±5%). All VDD pins should be wired together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com