Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 19Page - Dallas Semiconductor DS3141 Datasheet HTML 20Page - Dallas Semiconductor DS3141 Datasheet HTML 21Page - Dallas Semiconductor DS3141 Datasheet HTML 22Page - Dallas Semiconductor DS3141 Datasheet HTML 23Page - Dallas Semiconductor DS3141 Datasheet HTML 24Page - Dallas Semiconductor DS3141 Datasheet HTML 25Page - Dallas Semiconductor DS3141 Datasheet HTML 26Page - Dallas Semiconductor DS3141 Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
23 of 88
Bit 3: Automatic Error-Counters Update Defeat (AECU). When this bit is logic 0, the device automatically
updates the DS3/E3 performance error counters on an internally created 1-second boundary based on the RCLK
or TCLK signal, depending on the OSTCS control bit. The host processor is notified of the update through the
setting of the OST status bit in the MSRL register. In this mode, the host processor has a full 1-second period to
retrieve the error count information before it is overwritten with the next update. When this bit is set high, the device
disables the automatic 1-second update and enables a manual update mode. In the manual update mode, the
device relies on either the RECU hardware input signal or the MECU control bit to update the error counters. The
RECU hardware input signal and MECU control bit are logically ORed and therefore a 0-to-1 transition on either
initiates an error counter update. After either the RECU signal or MECU bit has toggled, the host processor must
wait at least 100ns before reading the error counters to allow the device time to complete the update.
0 = enable the automatic update mode and disable the manual update mode
1 = disable the automatic update mode and enable the manual update mode
Bit 4: Manual Error-Counter Update (MECU). A 0-to-1 transition on this bit causes the device to update the
performance error counters. This bit is ignored if the AECU control bit is logic 0. This bit must be cleared and set
again for a subsequent update. This bit is logically ORed with the RECU input pin.
Bit 5: DS3/E3 POS/NEG Binary Mode Select (BIN). Selects the mode of the LIU interface signals.
0 = dual-rail mode (data on TPOS/TNEG and RPOS/RNEG)
1 = binary NRZ mode (data on TNRZ and RNRZ with line-code violation pulses on RLCV)
Bit 6: Zero Code Suppression Disable (ZCSD). When BIN = 1, zero code suppression is automatically disabled
and ZCSD has no effect.
0 = enable the B3ZS/HDB3 encoder and decoder; coding is AMI with zero substitution
1 = disable the B3ZS/HDB3 encoder and decoder; coding is AMI without zero substitution
Bit 7: Loss-of-Transmit Clock Mux Control (LOTCMC). The device can detect if the TICLK fails to transition. If
this bit is logic 0, the device takes no action (other than setting the LOTC status bit) when the TICLK fails to
transition. If this bit is logic 1, when TICLK fails to transition the device automatically switches the transmitter to the
input receive clock (RCLK) and transmits AIS.
0 = do not switch the transmitter to RCLK if TICLK fails to transition
1 = automatically switch the transmitter to RCLK and transmit AIS if TICLK fails to transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com