Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 60 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 60 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 56Page - Dallas Semiconductor DS3141 Datasheet HTML 57Page - Dallas Semiconductor DS3141 Datasheet HTML 58Page - Dallas Semiconductor DS3141 Datasheet HTML 59Page - Dallas Semiconductor DS3141 Datasheet HTML 60Page - Dallas Semiconductor DS3141 Datasheet HTML 61Page - Dallas Semiconductor DS3141 Datasheet HTML 62Page - Dallas Semiconductor DS3141 Datasheet HTML 63Page - Dallas Semiconductor DS3141 Datasheet HTML 64Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
60 of 88
Register Name:
HIR
Register Description:
HDLC Information Register
Register Address:
57h
Bit #
7
6
5
4
3
2
1
0
Name
N/A
N/A
REMPTY
TEMPTY
TFL3
TFL2
TFL1
TFL0
Default
—
—
—
—
—
—
—
—
Note: Bits in this information register cannot cause an interrupt to occur.
Bits 0 to 3: Transmit FIFO Level (TFL[3:0]). These real-time status bits indicate the current depth of the transmit
FIFO in 16-byte increments.
TFL3
TFL2
TFL1
TFL0
TRANSMIT FIFO
LEVEL (BYTES)
0
0
0
0
Empty to 15
0
0
0
1
16 to 31
0
0
1
0
32 to 47
0
0
1
1
48 to 63
0
1
0
0
64 to 79
0
1
0
1
80 to 95
0
1
1
0
96 to 111
0
1
1
1
112 to 127
1
0
0
0
128 to 143
1
0
0
1
144 to 159
1
0
1
0
160 to 175
1
0
1
1
176 to 191
1
1
0
0
192 to 207
1
1
0
1
208 to 223
1
1
1
0
224 to 239
1
1
1
1
240 to 256
Bit 4: Transmit FIFO Empty (TEMPTY). This real-time status bit is set when the transmit FIFO is empty and
cleared when the transmit FIFO contains one or more bytes.
Bit 5: Receive FIFO Empty (REMPTY). This real-time status bit is set when the receive FIFO is empty and cleared
when the receive FIFO contains one or more bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com