Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 37 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 37 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 33Page - Dallas Semiconductor DS3141 Datasheet HTML 34Page - Dallas Semiconductor DS3141 Datasheet HTML 35Page - Dallas Semiconductor DS3141 Datasheet HTML 36Page - Dallas Semiconductor DS3141 Datasheet HTML 37Page - Dallas Semiconductor DS3141 Datasheet HTML 38Page - Dallas Semiconductor DS3141 Datasheet HTML 39Page - Dallas Semiconductor DS3141 Datasheet HTML 40Page - Dallas Semiconductor DS3141 Datasheet HTML 41Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
37 of 88
Register Name:
T3E3SRL
Register Description:
DS3/E3 Status Register Latched
Register Address:
19h
Bit #
7
6
5
4
3
2
1
0
Name
COFAL
N/A
SEFL
T3IDLEL
RAIL
AISL
OOFL
LOSL
Default
—
—
—
—
—
—
—
—
Note: See Figure 7-5 for details on the interrupt logic for the status bits in the T3E3SRL register.
Bit 0: Loss-of-Signal Occurrence Latched (LOSL). This latched status bit is set to 1 when the LOS status bit in
the T3E3SR register changes state (low to high or high to low). LOSL is cleared when the host processor writes a 1
to it. When LOSL is set, it can cause a hardware interrupt to occur if the LOSIE bit in the T3E3SRIE register and
the T3E3IE bit in the MSRIE register are both set to 1. The interrupt is cleared when this bit is cleared or one or
both of the interrupt-enable bits are cleared. See the note in the LOS status bit description for further information.
Bit 1: Out-of-Frame Occurrence Latched (OOFL). This latched status bit is set to 1 when the OOF status bit in
the T3E3SR register changes state (low to high or high to low). OOFL is cleared when the host processor writes a
1 to it. When OOFL is set, it can cause a hardware interrupt to occur if the OOFIE bit in the T3E3SRIE register and
the T3E3IE bit in the MSRIE register are both set to 1. The interrupt is cleared when this bit is cleared or one or
both of the interrupt-enable bits are cleared.
Bit 2: Alarm Indication Signal Detected Latched (AISL). This latched status bit is set to 1 when the AIS status
bit in the T3E3SR register changes state (low to high or high to low). AISL is cleared when the host processor
writes a 1 to it. When AISL is set, it can cause a hardware interrupt to occur if the AISIE bit in the T3E3SRIE
register and the T3E3IE bit in the MSRIE register are both set to 1. The interrupt is cleared when this bit is cleared
or one or both of the interrupt-enable bits are cleared.
Bit 3: Remote Alarm Indication Detected Latched (RAIL). This latched status bit is set to 1 when the RAI status
bit in the T3E3SR register changes state (low to high or high to low). RAIL is cleared when the host processor
writes a 1 to it. When RAIL is set, it can cause a hardware interrupt to occur if the RAIIE bit in the T3E3SRIE
register and the T3E3IE bit in the MSRIE register are both set to 1. The interrupt is cleared when this bit is cleared
or one or both of the interrupt-enable bits are cleared.
Bit 4: DS3 Idle-Signal-Detected Latched (T3IDLEL). This latched status bit is set to 1 when the T3IDLE status bit
in the T3E3SR register changes state (low to high or high to low). T3IDLEL is cleared when the host processor
writes a 1 to it. When T3IDLEL is set, it can cause a hardware interrupt to occur if the T3IDLEIE bit in the
T3E3SRIE register and the T3E3IE bit in the MSRIE register are both set to 1. The interrupt is cleared when this bit
is cleared or one or both of the interrupt-enable bits are cleared.
Bit 5: Severely Errored Frame Detected Latched (SEFL). This latched status bit is set to 1 when the SEF status
bit in the T3E3SR register changes state (low to high or high to low). SEFL is cleared when the host processor
writes a 1 to it. When SEFL is set, it can cause a hardware interrupt to occur if the SEFIE bit in the T3E3SRIE
register and the T3E3IE bit in the MSRIE register are both set to 1. The interrupt is cleared when this bit is cleared
or one or both of the interrupt-enable bits are cleared.
Bit 7: Change-of-Frame Alignment Latched (COFAL). This latched status bit is set to 1 when the DS3/E3 framer
has experienced a change of frame alignment (COFA). A COFA occurs when the framer achieves synchronization
in a different alignment than it had previously. If the framer has never acquired synchronization before, then this
status bit is meaningless. COFAL is cleared when the host processor writes a 1 to it and is not set again until the
framer has lost synchronization and reacquired synchronization in a different alignment. When COFAL is set, it can
cause a hardware interrupt to occur if the COFAIE bit in the T3E3SRIE register and the T3E3IE bit in the MSRIE
register are both set to 1. The interrupt is cleared when this bit is cleared or one or both of the interrupt-enable bits
are cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com