Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 47 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 47 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 43Page - Dallas Semiconductor DS3141 Datasheet HTML 44Page - Dallas Semiconductor DS3141 Datasheet HTML 45Page - Dallas Semiconductor DS3141 Datasheet HTML 46Page - Dallas Semiconductor DS3141 Datasheet HTML 47Page - Dallas Semiconductor DS3141 Datasheet HTML 48Page - Dallas Semiconductor DS3141 Datasheet HTML 49Page - Dallas Semiconductor DS3141 Datasheet HTML 50Page - Dallas Semiconductor DS3141 Datasheet HTML 51Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
47 of 88
Register Name:
BCR2
Register Description:
BERT Control Register 2
Register Address:
31h
Bit #
7
6
5
4
3
2
1
0
Name
N/A
PS2
PS1
PS0
RPL3
RPL2
RPL1
RPL0
Default
—
0
0
0
0
0
0
0
Bits 0 to 3: Repetitive Pattern Length (RPL[3:0]). RPL3 is the MSB and RPL0 is the LSB of a nibble that
describes how long the repetitive pattern is. The valid range is 17 (0000) to 32 (1111). These bits are ignored if the
BERT is programmed for a pseudorandom pattern or an alternating word pattern. To create repetitive patterns
fewer than 17 bits in length, the user must set the length to an integer multiple of the desired length that is less
than or equal to 32. For example, to create a 6-bit pattern, set the length to 18 (0001), 24 (0111), or 30 (1101).
Length
Code
Length
Code
Length
Code
Length
Code
17 bits
0000
18 bits
0001
19 bits
0010
20 bits
0011
21 bits
0100
22 bits
0101
23 bits
0110
24 bits
0111
25 bits
1000
26 bits
1001
27 bits
1010
28 bits
1011
29 bits
1100
30 bits
1101
31 bits
1110
32 bits
1111
Bits 4 to 6: Pattern Select (PS[2:0]). This field specifies the type of pattern to be generated. After configuring
these bits, the TC bit in the BCR1 register must be toggled to reconfigure the pattern generator.
PS[2:0]
PATTERN
TAPS
SPECIFICATION
TINV
RINV
000
Repetitive Pattern
—
—
—
—
001
Alternating Word Pattern
—
—
—
—
010
2
15 - 1
14, 15
ITU O.151 (for DS3)
1
1
011
2
20 - 1 QRSS
17, 20
T1.403
0
0
100
2
23 - 1
18, 23
ITU O.151 (for E3)
1
1
101
2
31 - 1
28, 31
(none)
0
0
110
Invalid
—
—
—
—
111
Invalid
—
—
—
—
Register Name:
BCR3
Register Description:
BERT Control Register 3
Register Address:
32h
Bit #
7
6
5
4
3
2
1
0
Name
N/A
N/A
N/A
N/A
EIB2
EIB1
EIB0
SBE
Default
—
—
—
—
0
0
0
0
Bit 0: Single Bit-Error Insert (SBE). A low-to-high transition creates a single bit error. Must be cleared and set
again for a subsequent bit error to be inserted.
Bits 1 to 3: Error Insert Bits (EIB[2:0]). Automatically insert bit errors at the prescribed rate into the generated
data pattern. Useful for verifying error detection operation.
EIB[2:0]
ERROR RATE INSERTED
000
No errors automatically inserted
001
10
–1 (1 error per 10 bits)
010
10
–2 (1 error per 100 bits)
011
10
–3 (1 error per 1000 bits)
100
10
–4 (1 error per 10,000 bits)
101
10
–5 (1 error per 100,000 bits)
110
10
–6 (1 error per 1,000,000 bits)
111
10
–7 (1 error per 10,000,000 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com