Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 72 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 72 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 68Page - Dallas Semiconductor DS3141 Datasheet HTML 69Page - Dallas Semiconductor DS3141 Datasheet HTML 70Page - Dallas Semiconductor DS3141 Datasheet HTML 71Page - Dallas Semiconductor DS3141 Datasheet HTML 72Page - Dallas Semiconductor DS3141 Datasheet HTML 73Page - Dallas Semiconductor DS3141 Datasheet HTML 74Page - Dallas Semiconductor DS3141 Datasheet HTML 75Page - Dallas Semiconductor DS3141 Datasheet HTML 76Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
72 of 88
SAMPLE/PRELOAD. SAMPLE/PRELOAD is a mandatory instruction for the IEEE 1149.1 specification. This
instruction supports two functions. The digital I/Os of the device can be sampled at the boundary scan register
without interfering with the normal operation of the device by using the Capture-DR state. SAMPLE/PRELOAD also
allows the device to shift data into the boundary scan register through JTDI using the Shift-DR state.
EXTEST. EXTEST allows testing of all interconnections to the device. When the EXTEST instruction is latched in
the instruction register, the following actions occur. Once enabled by the Update-IR state, the parallel outputs of all
digital output pins are driven. The boundary scan register is connected between JTDI and JTDO. The Capture-DR
samples all digital inputs into the boundary scan register.
BYPASS. When the BYPASS instruction is latched into the parallel instruction register, JTDI connects to JTDO
through the 1-bit bypass test register. This allows data to pass from JTDI to JTDO not affecting the device’s normal
operation.
IDCODE. When the IDCODE instruction is latched into the parallel instruction register, the identification test
register is selected. The device identification code is loaded into the identification register on the rising edge of
JTCLK following entry into the Capture-DR state. Shift-DR can be used to shift the identification code out serially
through JTDO. During Test-Logic-Reset, the identification code is forced into the instruction register’s parallel
output.
HIGHZ. All digital outputs are placed into a high-impedance state. The bypass register is connected between JTDI
and JTDO.
CLAMP. All digital output pins output data from the boundary scan parallel output while connecting the bypass
register between JTDI and JTDO. The outputs do not change during the CLAMP instruction.
Table 9-B. JTAG ID Code
DEVICE
REVISION
DEVICE CODE
MANUFACTURER’S CODE
REQUIRED
DS3141
Consult factory
0000000000010001
00010100001
1
DS3142
Consult factory
0000000000010010
00010100001
1
DS3143
Consult factory
0000000000010011
00010100001
1
DS3144
Consult factory
0000000000010100
00010100001
1
9.3 JTAG Scan Registers
IEEE 1149.1 requires a minimum of two test registers—the bypass register and the boundary scan register. An
optional test register, the identification register, has been included in the design and is used with the IDCODE
instruction and the Test-Logic-Reset state of the TAP controller.
Bypass Register
The bypass register is a single 1-bit shift register used with the BYPASS, CLAMP, and HIGHZ instructions that
provides a short path between JTDI and JTDO.
Identification Register
The identification register contains a 32-bit shift register and a 32-bit latched parallel output. This register is
selected during the IDCODE instruction and when the TAP controller is in the Test-Logic-Reset state. The device
ID code always has a 1 in the LSB position. The next 11 bits identify the manufacturer’s JEDEC number and
number of continuation bytes, followed by 16 bits for the device and 4 bits for the version.
Boundary Scan Register
The boundary scan register contains a shift register path and a latched parallel output for all control cells and digital
I/O cells.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com