Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 21Page - Dallas Semiconductor DS3141 Datasheet HTML 22Page - Dallas Semiconductor DS3141 Datasheet HTML 23Page - Dallas Semiconductor DS3141 Datasheet HTML 24Page - Dallas Semiconductor DS3141 Datasheet HTML 25Page - Dallas Semiconductor DS3141 Datasheet HTML 26Page - Dallas Semiconductor DS3141 Datasheet HTML 27Page - Dallas Semiconductor DS3141 Datasheet HTML 28Page - Dallas Semiconductor DS3141 Datasheet HTML 29Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
25 of 88
Register Name:
MC3
Register Description:
Master Configuration Register 3
Register Address:
03h
Bit #
7
6
5
4
3
2
1
0
Name
TDENMS
TSOFC
TOHENI
TOHI
TSOFI
TICLKI
TDATI
TDENI
Default
0
0
0
0
0
0
0
0
Bit 0: TDEN Invert Enable (TDENI)
0 = do not invert the TDEN/TGCLK signal (normal mode)
1 = invert the TDEN/TGCLK signal (inverted mode)
Bit 1: TDAT Invert Enable (TDATI)
0 = do not invert the TDAT signal (normal mode)
1 = invert the TDAT signal (inverted mode)
Bit 2: TICLK Invert Enable (TICLKI)
0 = do not invert the TICLK signal (normal mode)
1 = invert the TICLK signal (inverted mode)
Bit 3: TSOF Invert Enable (TSOFI)
0 = do not invert the TSOF signal (normal mode)
1 = invert the TSOF signal (inverted mode)
Bit 4: TOH Invert Enable (TOHI)
0 = do not invert the TOH signal (normal mode)
1 = invert the TOH signal (inverted mode)
Bit 5: TOHEN Invert Enable (TOHENI)
0 = do not invert the TOHEN signal (normal mode)
1 = invert the TOHEN signal (inverted mode)
Bit 6: Transmit Start-of-Frame I/O Control (TSOFC). When this bit is logic 1, the TSOF pin is an output and
pulses for the last TICLK cycle of each frame. When this bit is 0, the TSOF pin is an input, and the device uses it to
determine the frame boundaries. See Figure 5-1 for functional timing information.
0 = TSOF is an input (reset default as input)
1 = TSOF is an output
Bit 7: Transmit Data-Enable Mode Select (TDENMS). When this bit is logic 0, the TDEN/TGCLK output has the
TDEN (data enable) function. TDEN asserts during payload bit times and de-asserts during overhead bit times.
When this bit is logic 1, TDEN/TGCLK has the TGCLK (gapped clock) function. TGCLK pulses during payload bit
times and is suppressed during overhead bit times. The TCCLK control bit in the MC2 register has precedence
over this control bit. See Figure 5-1 for functional timing information.
0 = TDEN (data enable) mode
1 = TGCLK (gapped clock) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com