Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 32 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 28Page - Dallas Semiconductor DS3141 Datasheet HTML 29Page - Dallas Semiconductor DS3141 Datasheet HTML 30Page - Dallas Semiconductor DS3141 Datasheet HTML 31Page - Dallas Semiconductor DS3141 Datasheet HTML 32Page - Dallas Semiconductor DS3141 Datasheet HTML 33Page - Dallas Semiconductor DS3141 Datasheet HTML 34Page - Dallas Semiconductor DS3141 Datasheet HTML 35Page - Dallas Semiconductor DS3141 Datasheet HTML 36Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
32 of 88
7.7 DS3/E3 Framer
7.7.1 DS3/E3 Framer Register Description
Table 7-D. DS3/E3 Framer Register Map
ADDR
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
10
T3E3CR1
E3SnC1
E3SnC0
T3IDLE
TRAI
TAIS
TPT
CBEN
DS3M
11
T3E3CR2
FRESYNC
N/A
TFEBE
AFEBED
ECC
FECC1
FECC0
E3CVE
12
T3E3EIC
MEIMS
FBEIC1
FBEIC0
FBEI
T3CPBEI
T3PBEI
EXZI
BPVI
18
T3E3SR
N/A
N/A
SEF
T3IDLE
RAI
AIS
OOF
LOS
19
T3E3SRL
COFAL
N/A
SEFL
T3IDLEL
RAIL
AISL
OOFL
LOSL
1A
T3E3SRIE
COFAIE
N/A
SEFIE
T3IDLEIE
RAIIE
AISIE
OOFIE
LOSIE
1B
T3E3IR
RUA1
T3AIC
E3Sn
N/A
EXZL
MBEL
FBEL
ZSCDL
20
BPVCR1
BPV7
BPV6
BPV5
BPV4
BPV3
BPV2
BPV1
BPV0
21
BPVCR2
BPV15
BPV14
BPV13
BPV12
BPV11
BPV10
BPV9
BPV8
22
EXZCR1
EXZ7
EXZ6
EXZ5
EXZ4
EXZ3
EXZ2
EXZ1
EXZ0
23
EXZCR2
EXZ15
EXZ14
EXZ13
EXZ12
EXZ11
EXZ10
EXZ9
EXZ8
24
FECR1
FE7
FE6
FE5
FE4
FE3
FE2
FE1
FE0
25
FECR2
FE15
FE14
FE13
FE12
FE11
FE10
FE9
FE8
26
PCR1
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
27
PCR2
PE15
PE14
PE13
PE12
PE11
PE10
PE9
PE8
28
CPCR1
CPE7
CPE6
CPE5
CPE4
CPE3
CPE2
CPE1
CPE0
29
CPCR2
CPE15
CPE14
CPE13
CPE12
CPE11
CPE10
CPE9
CPE8
2A
FEBECR1
FEBE7
FEBE6
FEBE5
FEBE4
FEBE3
FEBE2
FEBE1
FEBE0
2B
FEBECR2
FEBE15
FEBE14
FEBE13
FEBE12
FEBE11
FEBE10
FEBE9
FEBE8
Register Name:
T3E3CR1
Register Description:
T3/E3 Control Register
Register Address:
10h
Bit #
7
6
5
4
3
2
1
0
Name
E3SnC1
E3SnC0
T3IDLE
TRAI
TAIS
TPT
CBEN
DS3M
Default
0
0
0
0
0
0
0
0
Bit 0: DS3 Mode Select (DS3M). Selects DS3 or E3 operation. It must be set immediately after reset to select DS3
mode.
0 = E3 mode
1 = DS3 mode
Bit 1: C-Bit Parity Mode Enable (CBEN). This bit is only active when the framer is in DS3 mode. When this bit is
logic 0, C-Bit Parity is defeated and the C bits are sourced from the TDAT input pin.
0 = disable C-Bit Parity mode (also known as the M23 mode)
1 = enable C-Bit Parity mode
Bit 2: DS3/E3 Transmit Pass-Through Enable (TPT). When this bit is set to logic 1, the transmit formatter
sources data from the TDAT input on every TCLK cycle and does not insert framing overhead into the transmit data
stream. In this mode the TDEN/TGCLK output still marks where the payload bits would be if TPT were not enabled,
and the TSOF output still marks the start of a frame. When in this mode, the BERT does not function in payload-
only mode; entire-frame mode should be used instead.
0 = configure the formatter to insert framing overhead bits
1 = configure the formatter to pass through TDAT data without inserting framing overhead bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com