Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 167 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 167 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 163Page - NXP Semiconductors FXLS93421 Datasheet HTML 164Page - NXP Semiconductors FXLS93421 Datasheet HTML 165Page - NXP Semiconductors FXLS93421 Datasheet HTML 166Page - NXP Semiconductors FXLS93421 Datasheet HTML 167Page - NXP Semiconductors FXLS93421 Datasheet HTML 168Page - NXP Semiconductors FXLS93421 Datasheet HTML 169Page - NXP Semiconductors FXLS93421 Datasheet HTML 170Page - NXP Semiconductors FXLS93421 Datasheet HTML 171Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
• Four or eight consecutive Broadcast Read Commands are required following a
valid Background Diagnostic Mode command to complete a response transmission
(depending on the state of the BDM_FRAGSIZE bit).
• If any command other than the Broadcast Read Command is received, no response
is transmitted and the remainder of the Broadcast Read Command response is
terminated.
• The data to be transmitted in the response is latched just before the first symbol of the
background diagnostic mode response.
See Figure 77 for Background Diagnostic Mode timing.
12.4.4.3 Error checking
The error checking for Background Diagnostic Mode responses is the same as used for
Command and Response Mode, and described in Section 12.3.1.3.
12.4.5 DSI3 background diagnostic mode timing
An example timing diagram for background diagnostic mode is shown in Figure 77. In
this example, BDM_FRAGSIZE is set to '1' (4 bits). Timing parameters are specified in
Section 10.11.
PA[3:0]
CMD_start
tSTART_PDCM, PDCM_RSPST[12:0]
CMD[3:0]
ED[7:3]
CRC[3:0]
broadcast read
aaa-030661
1
broadcast read
BDM response data latched
tSTART_BDM
1-2-1
1-2-0
0
Figure 77. Background diagnostic mode timing diagram
12.4.6 DSI3 periodic data collection mode and background diagnostic mode
command summary
When periodic data collection mode is enabled, the background diagnostic mode
supports the register read command as described in the command and response mode
command summary, Section 12.3.4.1. The register write command is not supported in
background diagnostic mode.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
167 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com