| Electronic Components Datasheet Search |
|
FXLS93421 Datasheet(PDF) 170 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93421 Datasheet(HTML) 170 Page - NXP Semiconductors |
|
170 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor • The capability of the master device, including, but not limited to: – The bus operating voltage – The bus supply current – The bus current limit – The bit rate – The response current detection capability (distinguishing response current from quiescent current) • The total quiescent current of all slaves on the network. • The current handling capability and resulting voltage drop of the external bus switches in the network. 12.6.3 Resistor connected daisy chain network using discovery mode The number of devices in a resistor connected daisy chain network is limited by the capability of the device. The maximum number of equivalent devices connected to the BUS_O pin of a device is 3. This is limited by the total quiescent current drawn from the BUS_O pin during Discovery Mode (IBUS_O_q). The practical limit is determined by a combination of the above restriction and the following: • The capability of the master device, including, but not limited to: – The bus operating voltage – The bus supply current – The bus current limit – The bit rate – The response current detection capability (distinguishing response current from quiescent current) • The total quiescent current of all slaves on the network. • The maximum allowed quiescent current drawn from the BUS_O pin of other slaves in the system. • The resulting voltage drop of the Discovery Mode resistors in all slaves in the network. 12.7 DSI3 exception handling Table 257 summarizes the exception conditions detected by the device and the response for each exception. Condition exception PDCM enabled? Description Device response Power-On Reset N/A Power Applied • See Section 12.5 • ST_INCMPLT set, PDCM disabled. The device must be reinitialized VBUS_I Error N/A VBUS_I < VBUS_I_UV_F • Response Current Deactivated • BUSIN_UV_ERR set, PDCM Status set as specified in Section 12.4.2.2 • The device ignores commands in CRM Table 257. Exception conditions and response FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 170 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |