Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 173 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 173 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 169Page - NXP Semiconductors FXLS93421 Datasheet HTML 170Page - NXP Semiconductors FXLS93421 Datasheet HTML 171Page - NXP Semiconductors FXLS93421 Datasheet HTML 172Page - NXP Semiconductors FXLS93421 Datasheet HTML 173Page - NXP Semiconductors FXLS93421 Datasheet HTML 174Page - NXP Semiconductors FXLS93421 Datasheet HTML 175Page - NXP Semiconductors FXLS93421 Datasheet HTML 176Page - NXP Semiconductors FXLS93421 Datasheet HTML 177Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
accomplished via modulation of the supply voltage. Data transmissions from this device
to the PSI5 master are accomplished via modulation of the current on the power supply
line.
13.2.1 Synchronization pulse
The PSI5 master modulates the supply voltage in the positive direction to provide
synchronization of the satellite sensor data. Upon reception of a synchronization pulse,
this device delays a specified period of time, called a time slot, before transmitting sensor
data. For more details regarding time slots, refer to Section 11.2.18, and Section 10.12.
aaa-030667
sync pulses
Iq
ground
VIDLE
VIDLE
SYNC
Iq + IIR_PSI5
Figure 82. Synchronous communication overview
13.2.1.1 Synchronization pulse detection
The Synchronization (Sync) pulse detection block generates a valid synchronization
pulse signal following the detection of an externally generated Sync pulse. This signal
resets the Sync pulse time reference (tTRIG), and initiates the timers associated with
response messages.
The supply voltage can vary throughout the specified range, so the external Sync pulses
may have different absolute volt-age levels. Thus, the Sync pulse detection threshold
(VCC_SYNC) is dependent not only on the Sync pulse absolute voltage, but also on the
supply voltage. Figure 83 shows a block diagram of the Sync pulse detection circuit.
aaa-030668
2.8 MΩ
2.2 MΩ
lpf_reset
11 R
R
54 pF
DSI3
DSI3
DSI3/PSI5
41.66 mV 83.33 mV
bus in
Vbufa
command_detect
fOSC
count
command_detect
COUNTER
command
cmd_block
cmd_start
cmd_valid
Vhigh_sample
CONTROL
LOGIC
D
R
+
-
+
-
DSI/PSI
Figure 83. Synchronization pulse detection circuit
The start of a Sync pulse is detected when the comparator output is set. The comparator
output is input into a counter, and the counter is updated at a fixed frequency. At a fixed
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
173 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com