Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 175 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 175 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 171Page - NXP Semiconductors FXLS93421 Datasheet HTML 172Page - NXP Semiconductors FXLS93421 Datasheet HTML 173Page - NXP Semiconductors FXLS93421 Datasheet HTML 174Page - NXP Semiconductors FXLS93421 Datasheet HTML 175Page - NXP Semiconductors FXLS93421 Datasheet HTML 176Page - NXP Semiconductors FXLS93421 Datasheet HTML 177Page - NXP Semiconductors FXLS93421 Datasheet HTML 178Page - NXP Semiconductors FXLS93421 Datasheet HTML 179Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
aaa-030670
GND
VCC
VSYNC
VIDLE
tSYNC
VSYNC
tRS
tS-S
Figure 85. Sync pulse characteristics
13.2.1.2 Synchronization pulse pulldown function
The device includes an optional Sync pulse pulldown function for systems in which
the master device does not include an active pull-down function. The device uses the
modulation current pulldown circuit, which sinks IR_PSI5 additional current from the BUS_I
pin. The pulldown current is activated after tPD_DLY (referenced to tTRIG), and is activated
for tPD_ON.
The Sync pulse pulldown function is disabled in Programming Mode, in Initialization
Phase 1, and in Daisy Chain Mode until the Run Command is received.
13.3 Data transmission data link layer
13.3.1 Bit encoding
The device outputs data by modulation of the VCC current using Manchester Encoding.
Data is stored in a transition occur-ring in the middle of the bit time. The signal idles at
the normal quiescent supply current. A logic low is defined as an increase in current at
the middle of a bit time. A logic high is defined as a decrease in current at the middle of a
bit time. There is always a transition in the middle of the bit time. If consecutive "1" or "0"
data are transmitted, a transition occurs at the start of a bit time.
aaa-030671
tBIT
consecutive
`0' data bits
IR_PSI5 current
idle current
`0'
`1'
consecutive
`1' data bits
Figure 86. Manchester data bit encoding
13.3.2 PSI5 data transmission
PSI5 data transmission frames are composed of two start bits, a 10-bit data word, and
error detection bit(s). Data words are transmitted least significant bit (LSB) first. A typical
Manchester-encoded transmission frame is illustrated in Figure 87.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
175 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com