Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 179 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 179 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 175Page - NXP Semiconductors FXLS93421 Datasheet HTML 176Page - NXP Semiconductors FXLS93421 Datasheet HTML 177Page - NXP Semiconductors FXLS93421 Datasheet HTML 178Page - NXP Semiconductors FXLS93421 Datasheet HTML 179Page - NXP Semiconductors FXLS93421 Datasheet HTML 180Page - NXP Semiconductors FXLS93421 Datasheet HTML 181Page - NXP Semiconductors FXLS93421 Datasheet HTML 182Page - NXP Semiconductors FXLS93421 Datasheet HTML 183Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
16-bit data values
10-bit data value
Dec
Hex
Dec
Binary
Hex
Description
(EMSG_EXT = 1 in PSI5_CFG)
Description
(EMSG_EXT = 0 in
PSI5_CFG)
NA
NA
+481
1E1 Bidirectional Communication: RC "OK"
Bidirectional
Communication:
RC "OK"
+30720
7800
+480
1E0 Maximum positive sensor value
Maximum positive
sensor value
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
+129 to +192 0081 to 00C0
+3
003
+65 to +128
0041 to 0080
+2
002
+1 to +64
0001 to 0040
+1
001
Positive sensor values
Positive sensor
values
0
0000
0
000 Zero
Zero
–1 to –64
FFFF to FFC0
–1
3FF
–65 to –128
FFBF to FF80
–2
3FE
–129 to –192 FF7F to FF40
–3
3FD
Negative sensor values
Negative sensor
values
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
–30720
8800
–480
220 Maximum negative sensor value
Maximum negative
sensor value
–30784
87C0
–481 1000011111 21F
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
–31744
8400
–496 1000010000 210
Initialization Data Codes
10-bit Status Data Nibble 1 - 16 (0000 - 1111) (Dx)
–31808
83C0
–497 1000001111 20F
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
∙
–32767
8000
–512 1000000000 200
Initialization Data IDs
Block ID 1 - 16 (10-bit Mode) (IDx)
Table 264. PSI5 data values...continued
13.4 Initialization
Following power-up, the device proceeds through an initialization process which is
divided into 3 phases:
• Initialization Phase 1: No Data transmissions occur
• Initialization Phase 2: Sensor self-test and transmission of configuration information
• Initialization Phase 3: Transmission of the "Sensor Busy" and / or "Sensor Ready" /
"Sensor Defect" messages
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
179 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com