| Electronic Components Datasheet Search |
|
FXLS93421 Datasheet(PDF) 163 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93421 Datasheet(HTML) 163 Page - NXP Semiconductors |
|
163 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor 12.4.1.1 Bit encoding The Command Bit encoding for Periodic Data Collection Mode and Background Diagnostic Mode is the same as the bit encoding for Command and Response Mode, as described in Section 12.3.1.1. 12.4.1.2 Command message format The command message format for Periodic Data Collection Mode and Background Diagnostic Mode is the same as the command message format for Command and Response Mode, as described in Section 12.3.1.2. If Background Diagnostic Mode is disabled, then the device responds with the Periodic Data Collection Mode response only if the command is the single bit Broadcast Read Command. A Broadcast Read Command may be either a '1' or a '0'. Figure 74 shows the Broadcast Read Commands supported by the device. BRC 0 BRC 1 VHIGH VLOW aaa-030658 Figure 74. Background diagnostic mode command bit encoding If Background Diagnostic Mode is enabled: • Background Diagnostic Mode commands are transmitted and decoded in 2- or 4-bit fragments depending on the state of the BDM_FRAGSIZE bit in the TIMING_CFG2 register. • The device responds with the Periodic Data Collection Mode response if and only if the command is a Broadcast Read Command or a command fragment. • A Broadcast Read Command or any command length other than 2 or 4 bits resets the Background Diagnostic Mode command decode. • The device responds with a Background Diagnostic Mode response only when a full 32-bit command is received and the decoded command is a valid Command and Response Mode command. See Section 12.4.4 for additional details on Background Diagnostic Mode timing. 12.4.1.3 Error checking The error checking for Background Diagnostic Mode commands is the same as the error checking for Command and Response Mode, and described in Section 12.3.1.3. No error checking is employed for the Broadcast Read Commands. 12.4.2 DSI3 periodic data collection mode response transmission When periodic data collection mode is enabled and the device receives either a broadcast read or background diagnostic command, the device will respond with periodic data as shown in Figure 75 and described in the following sections. FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 163 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |