Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 118 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 114Page - NXP Semiconductors FXLS93421 Datasheet HTML 115Page - NXP Semiconductors FXLS93421 Datasheet HTML 116Page - NXP Semiconductors FXLS93421 Datasheet HTML 117Page - NXP Semiconductors FXLS93421 Datasheet HTML 118Page - NXP Semiconductors FXLS93421 Datasheet HTML 119Page - NXP Semiconductors FXLS93421 Datasheet HTML 120Page - NXP Semiconductors FXLS93421 Datasheet HTML 121Page - NXP Semiconductors FXLS93421 Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Description
Sample Time
(µs)
Data
width
(Bits)
Sign
(Bits)
Over
range
(Bits)
Signal
width
(Bits)
Signal
margin
(Bits)
Typical
block
latency
Reference
F User Scaling
16, 32, 64
32
1
2
18
11
N/A
Section 11.6.4.5
H Down Sample
32, 64, 128
32
1
NA
31
NA
N/A
Section 11.6.4.7
J Secondary Down Sample
256
32
1
NA
31
NA
N/A
Section 11.6.4.6
K Offset low-pass filter
256
16
1
2
11
2
N/A
Section 11.6.4.6
L Offset Rate Limiting
256
16
1
2
11
2
N/A
Section 11.6.4.6
M Moving Average Filter
32, 64, 128
24
1
2
18
3
Filter
Dependent
Section 11.6.4.7
P Offset Subtraction
32, 64, 128
24
1
2
18
3
N/A
Section 11.6.4.6
Q Interpolation
1, 2, 4
24
1
2
18
3
tSigChainXX Section 11.6.4.8
R Output Range Selection
1, 2, 4
18
User Selectable
N/A
Section 11.6.4.9
Table 200. Signal chain diagram legend...continued
11.6.4.1 Decimation sinc filter
The output of the ΣΔ modulator is decimated and converted to a parallel value by a third
order Sinc Filter with a decimation ratio of 16.
(5)
frequency (kHz)
0
1000
800
400
600
200
aaa-030618
-40
-60
-80
-20
0
magnitude
(dB)
-100
frequency: 64.08691
magnitude: -96.35657
Figure 23. Sinc filter response 3rd order sinc filter magnitude response
11.6.4.2 Signal trim and compensation
The device includes digital trim to compensate for sensor offset, sensitivity, and non-
linearity over temperature. Equation 6, Equation 7, Equation 8, and Equation 9 are used
for the trim compensation.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
118 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com