Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 178 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 178 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 174Page - Microchip Technology CEC1712 Datasheet HTML 175Page - Microchip Technology CEC1712 Datasheet HTML 176Page - Microchip Technology CEC1712 Datasheet HTML 177Page - Microchip Technology CEC1712 Datasheet HTML 178Page - Microchip Technology CEC1712 Datasheet HTML 179Page - Microchip Technology CEC1712 Datasheet HTML 180Page - Microchip Technology CEC1712 Datasheet HTML 181Page - Microchip Technology CEC1712 Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 338 page
background image
CEC1712
DS00003416C-page 178
 2020-2021 Microchip Technology Inc.
15.7
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
15.7.1
POWER DOMAINS
15.7.2
CLOCK INPUTS
15.7.3
RESETS
15.8
Interrupts
This section defines the interrupt Interface signals routed to the chip interrupt aggregator.
Each instance of the Hibernation Timer in the CEC1712 can be used to generate interrupts and wake-up events when
the timer decrements to zero.
15.9
Low Power Modes
The timer operates off of the 32KHz clock, and therefore will operate normally when the main oscillator is stopped.
The sleep enable inputs have no effect on the Hibernation Timer and the clock required outputs are only asserted during
register read/write cycles for as long as necessary to propagate updates to the block core.
15.10 EC Registers
Registers for this block are shown in the following summary table. Addresses for each register are determined by adding
the offset to the Base Address for each instance of the Hibernation Timer Block in the Block Overview and Base Address
Table in Section 3.0, "Device Inventory".
TABLE 15-1:
POWER SOURCES
Name
Description
VTR_CORE
The timer control logic and registers are all implemented on this single
power domain.
TABLE 15-2:
CLOCK INPUTS
Name
Description
32KHz
This is the clock source to the timer logic. The Pre-scaler may be used to
adjust the minimum resolution per bit of the counter.
if the main oscillator is stopped then an external 32.768kHz clock source
must be active for the Hibernation Timer to continue to operate.
TABLE 15-3:
RESET SIGNALS
Name
Description
RESET_SYS
This reset signal, which is an input to this block, resets all the logic and
registers to their initial default state.
TABLE 15-4:
INTERRUPT INTERFACE SIGNAL DESCRIPTION TABLE
Name
Direction
Description
HTIMER
Output
Signal indicating that the timer is enabled and decrements to 0. This
signal is used to generate an Hibernation Timer interrupt event.
TABLE 15-5:
REGISTER SUMMARY
Offset
Register Name
00h
HTimer Preload Register
04h
HTimer Control Register
08h
HTimer Count Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com