Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 182 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 182 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 178Page - Microchip Technology CEC1712 Datasheet HTML 179Page - Microchip Technology CEC1712 Datasheet HTML 180Page - Microchip Technology CEC1712 Datasheet HTML 181Page - Microchip Technology CEC1712 Datasheet HTML 182Page - Microchip Technology CEC1712 Datasheet HTML 183Page - Microchip Technology CEC1712 Datasheet HTML 184Page - Microchip Technology CEC1712 Datasheet HTML 185Page - Microchip Technology CEC1712 Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 338 page
background image
CEC1712
DS00003416C-page 182
 2020-2021 Microchip Technology Inc.
16.9.1
RTOS TIMER COUNT REGISTER
16.9.2
RTOS TIMER PRELOAD REGISTER
TABLE 16-1:
REGISTER SUMMARY
Offset
Register Name
00h
RTOS Timer Count Register
04h
RTOS Timer Preload Register
08h
RTOS Timer Control Register
0Ch
Soft Interrupt Register
Offset
00h
Bits
Description
Type
Default
Reset
Event
31:0
COUNTER
This register contains the current value of the RTOS Timer counter.
This register should be read as a DWORD. There is no latching
mechanism of the upper bytes implemented if the register is
accessed as a byte or word. Reading the register with byte or word
operations may give incorrect results.
R/W
0h
RESET
_SYS
Offset
04h
Bits
Description
Type
Default
Reset
Event
31:0
PRE_LOAD
The this register is loaded into the RTOS Timer counter either when
the TIMER_START bit is written with a ‘1’, or when the timer
counter counts down to ‘0’ and the AUTO_RELOAD bit is ‘1’.
This register must be programmed with a new count value before
the TIMER_START bit is set to ‘1’. If this register is updated while
the counter is operating, the new count value will only take effect if
the counter transitions form 1 to 0 while the AUTO_RELOAD bit is
set.
R/W
0h
RESET
_SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com