Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 183 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 183 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 179Page - Microchip Technology CEC1712 Datasheet HTML 180Page - Microchip Technology CEC1712 Datasheet HTML 181Page - Microchip Technology CEC1712 Datasheet HTML 182Page - Microchip Technology CEC1712 Datasheet HTML 183Page - Microchip Technology CEC1712 Datasheet HTML 184Page - Microchip Technology CEC1712 Datasheet HTML 185Page - Microchip Technology CEC1712 Datasheet HTML 186Page - Microchip Technology CEC1712 Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 183
CEC1712
16.9.3
RTOS TIMER CONTROL REGISTER
Offset
08h
Bits
Description
Type
Default
Reset
Event
31:5
Reserved
RES
-
-
4
FIRMWARE_TIMER_HALT
1=The timer counter is halted. If the counter was running, clearing
this bit will restart the counter from the value at which it halted
0=The timer counter, if enabled, will continue to run
R/W
0h
RESET
_SYS
3
EXT_HARDWARE_HALT_EN
1=The timer counter is halted when the external HALT signal is
asserted. Counting is always enabled if HALT is de-asserted.
0=The HALT signal does not affect the RTOS Timer
R/W
0h
RESET
_SYS
2TIMER_START
Writing a ‘1’ to this bit will load the timer counter with the RTOS
Timer Preload Register and start counting. If the Preload Register
is 0, counting will not start and this bit will be cleared to ‘0’.
Writing a ‘0’ to this bit will halt the counter and clear its contents to
0. The RTOS timer interrupt will not be generated.
This bit is automatically cleared if the AUTO_RELOAD bit is ‘0’ and
the timer counter transitions from 1 to 0.
R/W
0h
RESET
_SYS
1AUTO_RELOAD
1=The the RTOS Timer Preload Register is loaded into the timer
counter and the counter is restarted when the counter transi-
tions from 1 to 0
0=The timer counter halts when it transitions from 1 to 0 and will not
restart
R/W
0h
RESET
_SYS
0
BLOCK_ENABLE
1=RTOS timer counter is enabled
0=RTOS timer disabled. All register bits are reset to their default
state
R/W
0h
RESET
_SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com