Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 186 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 186 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 182Page - Microchip Technology CEC1712 Datasheet HTML 183Page - Microchip Technology CEC1712 Datasheet HTML 184Page - Microchip Technology CEC1712 Datasheet HTML 185Page - Microchip Technology CEC1712 Datasheet HTML 186Page - Microchip Technology CEC1712 Datasheet HTML 187Page - Microchip Technology CEC1712 Datasheet HTML 188Page - Microchip Technology CEC1712 Datasheet HTML 189Page - Microchip Technology CEC1712 Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 338 page
background image
CEC1712
DS00003416C-page 186
 2020-2021 Microchip Technology Inc.
17.5
Signal Description
There are no external signals.
17.6
Host Interface
The registers defined for the Real Time Clock are accessible by the various hosts as indicated in Section 3.2, "Block
Overview and Base Addresses".
17.7
Power, Clocks and Resets
This section defines the Power, Clock, and Reset parameters of the block.
17.7.1
POWER DOMAINS
17.7.2
CLOCKS
17.7.3
RESETS
17.8
Interrupts
TABLE 17-1:
POWER SOURCES
Name
Description
VBAT
This power well sources all of the internal registers and logic in this block.
VTR_CORE
This power well sources only host register accesses. The block continues
to operate internally while this rail is down.
TABLE 17-2:
CLOCKS
Name
Description
32KHz
This clock input drives all internal logic, and will be present at all times
that the VBAT well is powered.
TABLE 17-3:
RESET SIGNALS
Name
Description
RESET_VBAT
This reset signal is used in the RESET_RTC signal to reset all of the reg-
isters and logic in this block. It directly resets the Soft Reset bit in the RTC
Control Register.
RESET_RTC
This reset signal resets all of the registers and logic in this block, except
for the Soft Reset bit in the RTC Control Register. It is triggered by
RESET_VBAT, but can also be triggered by a SOFT_RESET from the
RTC Control Register.
RESET_SYS
This reset signal is used to inhibit the bus communication logic, and iso-
lates this block from VTR_CORE powered circuitry on-chip. Otherwise it
has no effect on the internal state.
SOFT_RESET
This is the block reset and resets all the registers and logic in the block
TABLE 17-4:
SYSTEM INTERRUPTS
Source
Description
RTC
This interrupt source for the SIRQ logic is generated when any of the fol-
lowing events occur:
• Update complete. This is triggered, at 1-second intervals, when the
Time register updates have completed
• Alarm. This is triggered when the alarm value matches the current
time (and date, if used)
• Periodic. This is triggered at the chosen programmable rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com