Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 180 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 180 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 176Page - Microchip Technology CEC1712 Datasheet HTML 177Page - Microchip Technology CEC1712 Datasheet HTML 178Page - Microchip Technology CEC1712 Datasheet HTML 179Page - Microchip Technology CEC1712 Datasheet HTML 180Page - Microchip Technology CEC1712 Datasheet HTML 181Page - Microchip Technology CEC1712 Datasheet HTML 182Page - Microchip Technology CEC1712 Datasheet HTML 183Page - Microchip Technology CEC1712 Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 338 page
background image
CEC1712
DS00003416C-page 180
 2020-2021 Microchip Technology Inc.
16.0 RTOS TIMER
16.1
Introduction
The RTOS Timer is a low-power, 32-bit timer designed to operate on the 32kHz oscillator which is available during all
chip sleep states. This allows firmware the option to sleep the processor and wake after a programmed amount of time.
The timer may be used as a one-shot timer or a continuous timer. When the timer transitions to 0 it is capable of gen-
erating a wake-capable interrupt to the embedded controller. This timer may be halted during debug by hardware or via
a software control bit.
16.2
Interface
This block is designed to be accessed internally via a registered host interface.
16.3
Signal Description
16.4
Host Interface
The Embedded Controller (EC) may access this block via the registers defined in Section 16.9, "EC Registers".
FIGURE 16-1:
I/O DIAGRAM OF BLOCK
Name
Description
HALT
RTOS Timer Halt signal. This signal is connected to the same signal that
halts the embedded controller during debug (e.g., JTAG Debugger is
active, break points, etc.).
RTOS Timer
Signal Description
Interrupts
Host Interface
Clock Inputs
Resets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com