Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 150 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 150 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 146Page - Microchip Technology CEC1712 Datasheet HTML 147Page - Microchip Technology CEC1712 Datasheet HTML 148Page - Microchip Technology CEC1712 Datasheet HTML 149Page - Microchip Technology CEC1712 Datasheet HTML 150Page - Microchip Technology CEC1712 Datasheet HTML 151Page - Microchip Technology CEC1712 Datasheet HTML 152Page - Microchip Technology CEC1712 Datasheet HTML 153Page - Microchip Technology CEC1712 Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 338 page
background image
CEC1712
DS00003416C-page 150
 2020-2021 Microchip Technology Inc.
11.6.3.4
Input GPIO[140:176]
11.6.3.5
Input GPIO[200:236]
11.6.3.6
Input GPIO[240:276]
Offset
30Ch
Bits
Description
Type
Default
Reset
Event
31
Scratchpad Bit
R/W
0b
RESET_S
YS
30:16
GPIO[176:160] Input
R
00h
RESET_S
YS
15:8
GPIO[157:150] Input
R
00h
RESET_S
YS
7:0
GPIO[147:140] Input
R
00h
RESET_S
YS
Offset
310h
Bits
Description
Type
Default
Reset
Event
31
Scratchpad Bit
R/W
0b
RESET_S
YS
30:24
GPIO[236:230] Input
R
00h
RESET_S
YS
23:16
GPIO[227:220] Input
R
00h
RESET_S
YS
15:8
GPIO[217:210] Input
R
00h
RESET_S
YS
7:0
GPIO[207:200] Input
R
00h
RESET_S
YS
Offset
314h
Bits
Description
Type
Default
Reset
Event
31
Scratchpad Bit
R/W
0b
RESET_S
YS
30:24
GPIO[276:270] Input
R
00h
RESET_S
YS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com