Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 154 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 154 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 150Page - Microchip Technology CEC1712 Datasheet HTML 151Page - Microchip Technology CEC1712 Datasheet HTML 152Page - Microchip Technology CEC1712 Datasheet HTML 153Page - Microchip Technology CEC1712 Datasheet HTML 154Page - Microchip Technology CEC1712 Datasheet HTML 155Page - Microchip Technology CEC1712 Datasheet HTML 156Page - Microchip Technology CEC1712 Datasheet HTML 157Page - Microchip Technology CEC1712 Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 338 page
background image
CEC1712
DS00003416C-page 154
 2020-2021 Microchip Technology Inc.
12.6.1.3
WDT Reload Mechanism
The WDT must be reloaded within periods that are shorter than the programmed watchdog interval; otherwise, the WDT
will underflow and a WDT Event will be generated and the WDT bit in Power-Fail and Reset Status Register on page
288 will be set. It is the responsibility of the user program to continually execute code which reloads the watchdog timer,
causing the counter to be reloaded.
There are three methods of reloading the WDT: a write to the WDT Load Register, a write to the WDT Kick Register, or
WDT event.
12.6.1.4
WDT Interval
The WDT Interval is the time it takes for the WDT to decrements from the WDT Load Register value to 0000h. The WDT
Count Register value takes 33/32KHz seconds (ex. 33/32.768 KHz = 1.007ms) to decrement by 1 count.
12.6.1.5
WDT STALL Operation
There are three STALL_ENABLE control bits in the WDT Control Register. If enabled, and the STALL event is asserted,
the WDT stops decrementing, and the WDT enters a low power state. When a WDT STALL event is de-asserted, the
counter continues decrementing from the value it had when the STALL was asserted.
12.7
EC Registers
Registers for this block are shown in the following summary table. Addresses for each register are determined by adding
the offset to the Base Address for each instance of the Watchdog Timer (WDT) Block in the Block Overview and Base
Address Table in Section 3.0, "Device Inventory".
12.7.1
WDT LOAD REGISTER
TABLE 12-3:
REGISTER SUMMARY
Offset
Register Name
00h
WDT Load Register
04h
WDT Control Register
08h
WDT Kick Register
0Ch
WDT Count Register
10h
WDT Status Register
14h
WDT Int Enable Register
Offset
00h
Bits
Description
Type
Default
Reset
Event
15:0 WDT_LOAD
Writing this field reloads the Watch Dog Timer counter.
R/W
FFFFh
RESET_
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com