Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 158 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 158 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 154Page - Microchip Technology CEC1712 Datasheet HTML 155Page - Microchip Technology CEC1712 Datasheet HTML 156Page - Microchip Technology CEC1712 Datasheet HTML 157Page - Microchip Technology CEC1712 Datasheet HTML 158Page - Microchip Technology CEC1712 Datasheet HTML 159Page - Microchip Technology CEC1712 Datasheet HTML 160Page - Microchip Technology CEC1712 Datasheet HTML 161Page - Microchip Technology CEC1712 Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 338 page
background image
CEC1712
DS00003416C-page 158
 2020-2021 Microchip Technology Inc.
13.5.1
POWER DOMAINS
13.5.2
CLOCK INPUTS
13.5.3
RESETS
13.6
Interrupts
TABLE 13-1:
POWER SOURCES
Name
Description
VTR_CORE
The timer control logic and registers are all implemented on this single
power domain.
TABLE 13-2:
CLOCK INPUTS
Name
Description
48MHz
This is the clock source to the timer logic. The Pre-scaler may be used
to adjust the minimum resolution per bit of the counter.
TABLE 13-3:
RESET SIGNALS
Name
Description
RESET_SYS
This reset signal, which is an input to this block, resets all the logic and
registers to their initial default state.
SOFT_RESET
This reset signal, which is created by this block, resets all the logic and
registers to their initial default state. This reset is generated by the block
when the SOFT_RESET bit is set in the Timer Control Register register.
Timer_Reset
This reset signal, which is created by this block, is asserted when either
the RESET_SYS or the SOFT_RESET signal is asserted. The
RESET_SYS and SOFT_RESET signals are OR’d together to create this
signal.
TABLE 13-4:
EC INTERRUPTS
Source
Description
TIMER_16_x
This interrupt event fires when a 16-bit timer x reaches its limit. This
event is sourced by the EVENT_INTERRUPT status bit if enabled.
TIMER_32_x
This interrupt event fires when a 32-bit timer x reaches its limit. This
event is sourced by the EVENT_INTERRUPT status bit if enabled.
Note:
x represents the instance number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com