Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 160 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 160 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 156Page - Microchip Technology CEC1712 Datasheet HTML 157Page - Microchip Technology CEC1712 Datasheet HTML 158Page - Microchip Technology CEC1712 Datasheet HTML 159Page - Microchip Technology CEC1712 Datasheet HTML 160Page - Microchip Technology CEC1712 Datasheet HTML 161Page - Microchip Technology CEC1712 Datasheet HTML 162Page - Microchip Technology CEC1712 Datasheet HTML 163Page - Microchip Technology CEC1712 Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 338 page
background image
CEC1712
DS00003416C-page 160
 2020-2021 Microchip Technology Inc.
13.9
EC-Only Registers
The registers listed in the EC-Only Register Summary table are for a single instance of the Basic Timer. The addresses
of each register listed in this table are defined as a relative offset to the “Base Address” of that instance, defined in the
Device Inventory chapter and will follow the instance naming as listed in TABLE 13-5: “CEC1712 Instance Naming
Convention”.
13.9.1
TIMER COUNT REGISTER
TABLE 13-5:
CEC1712 INSTANCE NAMING CONVENTION
Block Instance
Host
16-Bit Basic Timer x
EC
32-Bit Basic Timer x
EC
Note:
x represents the instance number.
TABLE 13-6:
RUNTIME REGISTER SUMMARY
Offset
Register Name
00h
Timer Count Register
04h
Timer Preload Register
08h
Timer Status Register
0Ch
Timer Int Enable Register
10h
Timer Control Register
Offset
00h
Bits
Description
Type
Default
Reset
Event
31:0
COUNTER
This is the value of the Timer counter. This is updated by Hardware
but may be set by Firmware. If it is set while the Hardware Timer is
operating, functionality can not be guaranteed. When read, it is
buffered so single byte reads will be able to catch the full 4 byte
register without it changing.
- For 16 bit Basic Timer, bits 0 to 15 are r/w counter bits.
Bits 31 down to 16 are reserved. Reads of bits 31 down to
16 return 0 and writes have no effect.
- For 32 bit Basic Timer, bits 0 to 31 are r/w counter bits.
R/W
0h
Tim-
er_Re-
set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com