Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 164 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 164 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 160Page - Microchip Technology CEC1712 Datasheet HTML 161Page - Microchip Technology CEC1712 Datasheet HTML 162Page - Microchip Technology CEC1712 Datasheet HTML 163Page - Microchip Technology CEC1712 Datasheet HTML 164Page - Microchip Technology CEC1712 Datasheet HTML 165Page - Microchip Technology CEC1712 Datasheet HTML 166Page - Microchip Technology CEC1712 Datasheet HTML 167Page - Microchip Technology CEC1712 Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 338 page
background image
CEC1712
DS00003416C-page 164
 2020-2021 Microchip Technology Inc.
14.0 INPUT CAPTURE AND COMPARE TIMER
14.1
Introduction
The Input Capture and Compare Timers block contains a 32-bit timer running at the main system clock frequency. The
timer is free-running and is associated with six 32-bit capture registers and two compare registers. Each capture register
can record the value of the free-running timer based on a programmable edge of its associated input pin. An interrupt
can be generated for each capture register each time it acquires a new timer value. The timer can also generate an
interrupt when it automatically resets and can additionally generate two more interrupts when the timer matches the
value in either of two 32-bit compare registers.
14.2
Interface
This block is designed to be accessed externally via the pin interface and internally via a registered host interface.
14.3
Signal Description
14.4
Host Interface
The registers defined for 16-bit Timers are accessible by the various hosts as indicated in Section 3.2, "Block Overview
and Base Addresses".
FIGURE 14-1:
I/O DIAGRAM OF BLOCK
TABLE 14-1:
SIGNAL DESCRIPTION
Name
Direction
Description
ICTx
INPUT
External capture trigger signal for Capture Register.
CTOUT0
OUTPUT
External compare match signal for Compare Register 0
CTOUT1
OUTPUT
External compare match signal for Compare Register 1
Note:
Any ICTx can be connected to any Capture register using the ICT MUX Select Register.
Signal Description
Input Capture and Compare
Timer
Interrupts
Power, Clocks and Reset
Host Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com