Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 162 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 162 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 158Page - Microchip Technology CEC1712 Datasheet HTML 159Page - Microchip Technology CEC1712 Datasheet HTML 160Page - Microchip Technology CEC1712 Datasheet HTML 161Page - Microchip Technology CEC1712 Datasheet HTML 162Page - Microchip Technology CEC1712 Datasheet HTML 163Page - Microchip Technology CEC1712 Datasheet HTML 164Page - Microchip Technology CEC1712 Datasheet HTML 165Page - Microchip Technology CEC1712 Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 338 page
background image
CEC1712
DS00003416C-page 162
 2020-2021 Microchip Technology Inc.
13.9.5
TIMER CONTROL REGISTER
Offset
10h
Bits
Description
Type
Default
Reset
Event
31:16 PRE_SCALE
This is used to divide down the system clock through clock enables
to lower the power consumption of the block and allow slow timers.
Updating this value during operation may result in erroneous clock
enable pulses until the clock divider restarts.
The number of clocks per clock enable pulse is (Value + 1); a setting
of 0 runs at the full clock speed, while a setting of 1 runs at half
speed.
R/W
0h
Tim-
er_Reset
15:8 Reserved
RES
-
-
7HALT
This is a halt bit. This will halt the timer as long as it is active. Once
the halt is inactive, the timer will start from where it left off.
1=Timer is halted. It stops counting. The clock divider will also be
reset.
0=Timer runs normally
R/W
0h
Tim-
er_Reset
6RELOAD
This bit reloads the counter without interrupting it operation. This will
not function if the timer has already completed (when the START bit
in this register is ‘0’). This is used to periodically prevent the timer
from firing when an event occurs. Usage while the timer is off may
result in erroneous behavior.
R/W
0h
Tim-
er_Reset
5START
This bit triggers the timer counter. The counter will operate until it
hits its terminating condition. This will clear this bit. It should be
noted that when operating in restart mode, there is no terminating
condition for the counter, so this bit will never clear. Clearing this bit
will halt the timer counter.
Setting this bit will:
• Reset the clock divider counter.
• Enable the clock divider counter.
• Start the timer counter.
• Clear all interrupts.
Clearing this bit will:
• Disable the clock divider counter.
• Stop the timer counter.
R/W
0h
Tim-
er_Reset
4 SOFT_RESET
This is a soft reset.
This is self clearing 1 cycle after it is written.
WO
0h
Tim-
er_Reset
3 AUTO_RESTART
This will select the action taken upon completing a count.
1=The counter will automatically restart the count, using the contents
of the Timer Preload Register to load the Timer Count Register
The interrupt will be set in edge mode
0=The counter will simply enter a done state and wait for further con-
trol inputs. The interrupt will be set in level mode.
R/W
0h
Tim-
er_Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com