Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 159 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 159 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 155Page - Microchip Technology CEC1712 Datasheet HTML 156Page - Microchip Technology CEC1712 Datasheet HTML 157Page - Microchip Technology CEC1712 Datasheet HTML 158Page - Microchip Technology CEC1712 Datasheet HTML 159Page - Microchip Technology CEC1712 Datasheet HTML 160Page - Microchip Technology CEC1712 Datasheet HTML 161Page - Microchip Technology CEC1712 Datasheet HTML 162Page - Microchip Technology CEC1712 Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 159
CEC1712
13.7
Low Power Modes
The Basic Timer may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR) circuitry. This block
is only be permitted to enter low power modes when the block is not active.
The sleep state of this timer is as follows:
• Asleep while the block is not Enabled
• Asleep while the block is not running (start inactive).
• Asleep while the block is halted (even if running).
The block is active while start is active.
13.8
Description
This timer block offers a simple mechanism for firmware to maintain a time base in the design. The timer may be enabled
to execute the following features:
• Programmable resolution per LSB of the counter via the Pre-scale bits in the Timer Control Register
• Programmable as either an up or down counter
• One-shot or Continuous Modes
• In one-shot mode the Auto Restart feature stops the counter when it reaches its limit and generates a level event.
• In Continuous Mode the Auto Restart feature restarts that counter from the programmed preload value and gener-
ates a pulse event.
• Counter may be reloaded, halted, or started via the Timer Control register
• Block may be reset by either a Power On Reset (POR) or via a Soft Reset.
FIGURE 13-2:
BLOCK DIAGRAM
Host Interface
16/32 Bit Basic Timer
REGS
Timer Logic
Pre-Scaler
48MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com