Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 155 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 155 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 151Page - Microchip Technology CEC1712 Datasheet HTML 152Page - Microchip Technology CEC1712 Datasheet HTML 153Page - Microchip Technology CEC1712 Datasheet HTML 154Page - Microchip Technology CEC1712 Datasheet HTML 155Page - Microchip Technology CEC1712 Datasheet HTML 156Page - Microchip Technology CEC1712 Datasheet HTML 157Page - Microchip Technology CEC1712 Datasheet HTML 158Page - Microchip Technology CEC1712 Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 155
CEC1712
12.7.2
WDT CONTROL REGISTER
12.7.3
WDT KICK REGISTER
Offset
04h
Bits
Description
Type
Default
Reset
Event
31:10 Reserved
RES
-
-
9 WDT_RESET
If the WDT_RESET bit is set and the watch dog timer expires, the
Watch dog module will generate interrupt and the WDT_RESET bit
will be cleared.
If this bit is not set, when the watch dog timer expires EC and its sub-
system is reset.
R/W
0b
RESET_
SYS
8:5 Reserved
RES
-
-
4 JTAG_STALL
This bit enables the WDT Stall function if JTAG or SWD debug func-
tions are active
1=The WDT is stalled while either JTAG or SWD is active
0=The WDT is not affected by the JTAG debug interface
R/W
0b
RESET_
SYS
3 WEEK_TIMER_STALL
This bit enables the WDT Stall function if the Week Timer is active.
1=The WDT is stalled while the Week Timer is active
0=The WDT is not affected by the Week Timer
R/W
0b
RESET_
SYS
2 HIBERNATION_TIMER_STALL
This bit enables the WDT Stall function if the Hibernation Timer 0 or
Hibernation Timer 1 is active.
1=The WDT is stalled while the Hibernation Timer 0 is active
0=The WDT is not affected by Hibernation Timer 0
R/W
0b
RESET_
SYS
1 TEST
R
0b
RESET_
SYS
0 WDT_ENABLE
In WDT Operation, the WDT is activated by the sequence of opera-
tions defined in Section 12.6.1.1, "WDT Activation Mechanism" and
deactivated by the sequence of operations defined in Section
12.6.1.2, "WDT Deactivation Mechanism".
1=block enabled
0=block disabled
R/W
0b
RESET_
SYS
Offset
08h
Bits
Description
Type
Default
Reset
Event
7:0 KICK
The WDT Kick Register is a strobe. Reads of this register return 0.
Writes to this register cause the WDT to reload the WDT Load Reg-
ister value and start decrementing when the WDT_ENABLE bit in
the WDT Control Register is set to ‘1’. When the WDT_ENABLE bit
in the WDT Control Register is cleared to ‘0’, writes to the WDT Kick
Register have no effect.
Wn/a
RESET_
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com