Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 153 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 153 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 149Page - Microchip Technology CEC1712 Datasheet HTML 150Page - Microchip Technology CEC1712 Datasheet HTML 151Page - Microchip Technology CEC1712 Datasheet HTML 152Page - Microchip Technology CEC1712 Datasheet HTML 153Page - Microchip Technology CEC1712 Datasheet HTML 154Page - Microchip Technology CEC1712 Datasheet HTML 155Page - Microchip Technology CEC1712 Datasheet HTML 156Page - Microchip Technology CEC1712 Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 153
CEC1712
12.5
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
12.5.1
POWER DOMAINS
12.5.2
CLOCK INPUTS
12.5.3
RESETS
12.6
Description
12.6.1
WDT OPERATION
12.6.1.1
WDT Activation Mechanism
The WDT is activated by the following sequence of operations during normal operation:
1.
Load the WDT Load Register with the count value.
2.
Set the WDT_ENABLE bit in the WDT Control Register.
The WDT Activation Mechanism starts the WDT decrementing counter.
12.6.1.2
WDT Deactivation Mechanism
The WDT is deactivated by the clearing the WDT_ENABLE bit in the WDT Control Register. The WDT Deactivation
Mechanism places the WDT in a low power state in which clock are gated and the counter stops decrementing.
Name
Description
VTR_CORE
The logic and registers implemented in this block reside on this single
power well.
Name
Description
32KHz
The 32KHz clock input is the clock source to the Watchdog Timer
functional logic, including the counter.
TABLE 12-1:
RESET INPUTS
Name
Description
RESET_SYS
Power on Reset to the block. This signal resets all the register and logic in
this block to its default state following a POR or a WDT Event event.
RESET_SYS_nWDT
This reset signal is used on WDT registers/bits that need to be preserved
through a WDT Event.
TABLE 12-2:
RESET OUTPUTS
Source
Description
WDT Event
Pulse generated when WDT expires. This signal is used to either
generate interrupt WDT_INT, if WDT Control Register bit 9 is set to 1b
(WDT_INT_ENABLE), or reset the embedded controller and its
subsystem, if WDT Control Register bit 9 is set to 0b.
The event is cleared after a RESET_SYS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com