Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 165 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 165 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 161Page - Microchip Technology CEC1712 Datasheet HTML 162Page - Microchip Technology CEC1712 Datasheet HTML 163Page - Microchip Technology CEC1712 Datasheet HTML 164Page - Microchip Technology CEC1712 Datasheet HTML 165Page - Microchip Technology CEC1712 Datasheet HTML 166Page - Microchip Technology CEC1712 Datasheet HTML 167Page - Microchip Technology CEC1712 Datasheet HTML 168Page - Microchip Technology CEC1712 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 165
CEC1712
14.5
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
14.5.1
POWER DOMAINS
14.5.2
CLOCK INPUTS
14.5.3
RESETS
14.6
Interrupts
This section defines the Interrupt Sources generated from this block.
Name
Description
VTR_CORE
The logic and registers implemented in this block are powered by this
power well.
Name
Description
48MHz
This is the clock source for this block.
Name
Description
RESET_SYS
This signal resets all the registers and logic in this block to their default
state.
Source
Description
CAPTURE TIMER
This interrupt event fires when the 32-bit free running counter overflows
from FFFF_FFFFh to 0000_0000h.
CAPTURE 0
This interrupt event fires when Capture Register 0 acquires a new value.
CAPTURE 1
This interrupt event fires when Capture Register 1 acquires a new value.
CAPTURE 2
This interrupt event fires when Capture Register 2 acquires a new value.
CAPTURE 3
This interrupt event fires when Capture Register 3 acquires a new value.
CAPTURE 4
This interrupt event fires when Capture Register 4 acquires a new value.
CAPTURE 5
This interrupt event fires when Capture Register 5 acquires a new value.
COMPARE 0
This interrupt event fires when the contents of Compare 0 Register
match the contents of the Free Running Counter.
COMPARE 1
This interrupt event fires when the contents of Compare 1 Register
match the contents of the Free Running Counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com