Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 169 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 169 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 165Page - Microchip Technology CEC1712 Datasheet HTML 166Page - Microchip Technology CEC1712 Datasheet HTML 167Page - Microchip Technology CEC1712 Datasheet HTML 168Page - Microchip Technology CEC1712 Datasheet HTML 169Page - Microchip Technology CEC1712 Datasheet HTML 170Page - Microchip Technology CEC1712 Datasheet HTML 171Page - Microchip Technology CEC1712 Datasheet HTML 172Page - Microchip Technology CEC1712 Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 169
CEC1712
24
COMPARE_CLEAR1
When read, returns the current value off the Compare Timer Out-
put 1 state.
If written with a ‘1b’, the output state is cleared to ‘0’.
Writes have no effect if COMPARE_SET0 in this register is written
with a ‘1b’ at the same time. Writes of ‘0b’ have no effect.
R/WC
0
RESET
_SYS
23:18
Reserved
RES
-
-
17
COMPARE_SET0
When read, returns the current value off the Compare Timer Out-
put 0 state.
• If written with a ‘1b’, the output state is set to ‘1’.
• Writes of ‘0b’ have no effect
R/WS
0
RESET
_SYS
16
COMPARE_SET1
When read, returns the current value off the Compare Timer Out-
put 1 state.
If written with a ‘1b’, the output state is set to ‘1’.
Writes of ‘0b’ have no effect
R/WS
0
RESET
_SYS
15:10
Reserved
RES
-
-
9
COMPARE_ENABLE1
Compare Enable for Compare 1 Register. When enabled, a match
between the Compare 1 Register and the Free Running Timer
Register will cause the TOUT1 output to toggle and will send a
COMPARE event to the Interrupt Aggregator.
1=Enabled
0=Disabled
R/W
0b
RESET
_SYS
8
COMPARE_ENABLE0
Compare Enable for Compare 0 Register. When enabled, a match
between the Compare 0 Register and the Free Running Timer
Register will cause the TOUT0 output to toggle and will send a
COMPARE event to the Interrupt Aggregator.
1=Enabled
0=Disabled
R/W
0b
RESET
_SYS
7
Reserved
RES
-
-
6:4
TCLK
This 3-bit field sets the clock source for the Free-Running Counter.
See Table 14-2, "Timer Clock Frequencies" for a list of available
frequencies.
R/W
0b
RESET
_SYS
3
Reserved
RES
-
-
Offset
00h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com