Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 167 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 167 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 163Page - Microchip Technology CEC1712 Datasheet HTML 164Page - Microchip Technology CEC1712 Datasheet HTML 165Page - Microchip Technology CEC1712 Datasheet HTML 166Page - Microchip Technology CEC1712 Datasheet HTML 167Page - Microchip Technology CEC1712 Datasheet HTML 168Page - Microchip Technology CEC1712 Datasheet HTML 169Page - Microchip Technology CEC1712 Datasheet HTML 170Page - Microchip Technology CEC1712 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 167
CEC1712
14.8.1
TIMER CLOCK
Any of the frequencies listed in Table 14-2 may be used as the time base for the Free Running Counter.
For the Timer Clock, the Timer Clock Select value is defined by the TCLK field in the Capture and Compare Timer
Control Register
14.8.2
FILTER CLOCK AND NOISE FILTER
The noise filter uses the Filter Clock (FCLK) to filter the signal on the Input Capture pins. An Input Capture pin must
remain in the same state for three FCLK ticks before the internal state changes. The FILTER_BYPASS bit for the Input
Capture pin may be used to bypass the input filter. Each Capture Register can individually bypass the filter.
When the input filter is bypassed, the minimum period of FCLK must be at least 2X the duration of an input signal pulse
in order for an edge event to be captured reliably. When the input filter is enabled, the minimum period of FCLK must
be at least 4X the duration of an input signal pulse in order for an edge event to be captured reliably.
14.9
Operation
14.9.1
INPUT CAPTURE
The Input Capture block consists of a free-running 32-bit timer and 2 capture registers. Each of the capture registers is
associated with an input pin as well as an interrupt source bit in the Interrupt Aggregator: The Capture registers store
the current value of the Free Running timer whenever the associated input signal changes, according to the pro-
grammed edge detection. An interrupt is also generated to the EC. The Capture registers are read-only. The registers
are updated every time an edge is detected. If software does not read the register before the next edge, the value is lost.
14.9.2
COMPARE TIMER
There are two 32-bit Compare registers. Each of these registers can independently generate an interrupt to the EC when
the 32-bit Free Running Timer matches the contents of the Compare register. The compare operation for each is
enabled or disabled by a bit in the Capture and Compare Timer Control Register.
14.9.2.1
Interrupt Generation
Whenever a Compare Timer is enabled and the Compare register matches the Free Running Timer, a COMPARE event
is sent to the Interrupt Aggregator. The event will trigger an EC interrupt if enabled by the appropriate Interrupt Enable
register in the Aggregator.
14.9.2.2
Compare Output Generation
Each Compare Timer is associated with a toggle flip-flop. When the 32-bit Free Running Timer matches the contents of
the Compare register the output off the flip-flop is complemented. Each of the toggle flip-flops can be independently set
or cleared by using the COMPARE_SET or COMPARE_CLEAR fields, respectively, in the Capture and Compare Timer
Control Register.
A Compare Timer should be disabled before setting or clearing the output, when updating the Compare register, or when
updating the Free Running Timer, so spurious events are not generated by the matcher.
TABLE 14-2:
TIMER CLOCK FREQUENCIES
Timer Clock Select
Frequency Divide Select
Frequency Selected
0000b
Divide by 1
48MHz
0001b
Divide by 2
24MHz
0010b
Divide by 4
12MHz
0011b
Divide by 8
6MHz
0100b
Divide by 16
3MHz
0101b
Divide by 32
1.5MHz
0110b
Divide by 64
750KHz
0111b
Divide by 128
375KHz
1xxxb
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com