Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 171 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 171 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 167Page - Microchip Technology CEC1712 Datasheet HTML 168Page - Microchip Technology CEC1712 Datasheet HTML 169Page - Microchip Technology CEC1712 Datasheet HTML 170Page - Microchip Technology CEC1712 Datasheet HTML 171Page - Microchip Technology CEC1712 Datasheet HTML 172Page - Microchip Technology CEC1712 Datasheet HTML 173Page - Microchip Technology CEC1712 Datasheet HTML 174Page - Microchip Technology CEC1712 Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 171
CEC1712
25:24
CAPTURE_EDGE3
This field selects the edge type that triggers the capture of the Free
Running Counter into Capture Register 3.
3=Capture event disabled
2=Both rising and falling edges
1=Rising edges
0=Falling edges
R/W
0h
RESET
_SYS
23:21
FCLK_SEL2
This 3-bit field sets the clock source for the input filter for Capture
Register 2. See Table 14-2, "Timer Clock Frequencies" for a list of
available frequencies.
R/W
0h
RESET
_SYS
20:19
Reserved
RES
-
-
18
FILTER_BYP2
This bit enables bypassing the input noise filter for Capture Regis-
ter 2, so that the input signal goes directly into the timer.
1=Input filter bypassed
0=Input filter enabled
R/W
0h
RESET
_SYS
17:16
CAPTURE_EDGE2
This field selects the edge type that triggers the capture of the Free
Running Counter into Capture Register 2.
3=Capture event disabled
2=Both rising and falling edges
1=Rising edges
0=Falling edges
R/W
0h
RESET
_SYS
15:13
FCLK_SEL1
This 3-bit field sets the clock source for the input filter for Capture
Register 1. See Table 14-2, "Timer Clock Frequencies" for a list of
available frequencies.
R/W
0b
RESET
_SYS
12:11
Reserved
RES
-
-
10
FILTER_BYP1
This bit enables bypassing the input noise filter for Capture Regis-
ter 1, so that the input signal goes directly into the timer.
1=Input filter bypassed
0=Input filter enabled
R/W
0h
RESET
_SYS
9:8
CAPTURE_EDGE1
This field selects the edge type that triggers the capture of the Free
Running Counter into Capture Register 1.
3=Capture event disabled
2=Both rising and falling edges
1=Rising edges
0=Falling edges
R/W
0h
RESET
_SYS
Offset
04h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com