Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 166 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 166 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 162Page - Microchip Technology CEC1712 Datasheet HTML 163Page - Microchip Technology CEC1712 Datasheet HTML 164Page - Microchip Technology CEC1712 Datasheet HTML 165Page - Microchip Technology CEC1712 Datasheet HTML 166Page - Microchip Technology CEC1712 Datasheet HTML 167Page - Microchip Technology CEC1712 Datasheet HTML 168Page - Microchip Technology CEC1712 Datasheet HTML 169Page - Microchip Technology CEC1712 Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 338 page
background image
CEC1712
DS00003416C-page 166
 2020-2021 Microchip Technology Inc.
14.7
Low Power Modes
The Capture and Compare Timer may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR) cir-
cuitry. This block is only be permitted to enter low power modes when the block is not active. The block is inactive if the
ACTIVATE bit is de-asserted, and will also become inactive when the block’s SLEEP_EN signal is asserted.
When the block returns from sleep, if enabled, the Free Running Timer Register value will continue counting from where
it was when the block entered the Sleep state.
14.8
Description
The Input Capture and Compare Timer block has ICT Channels inputs and these can be connected to any of the 6 Cap-
ture Compare timer
Note:
The CCT0 to CCT5 blocks are expanded and shown in FIGURE 14-2: “Capture and Compare Timer
Block Diagram”
FIGURE 14-2:
CAPTURE AND COMPARE TIMER BLOCK DIAGRAM
Filter
Edge
I0
Filter
Edge
I1
Filter
Edge
I2
Filter
Edge
I3
Filter
Edge
I4
Filter
Edge
I5
Capture0
D
EN
Timer
D
CK
+1
Capture1
D
EN
Capture2
D
EN
Capture3
D
EN
Capture4
D
EN
Capture5
D
EN
CAPTURE 0
CAPTURE 1
CAPTURE 2
CAPTURE 3
CAPTURE 4
CAPTURE 5
Compare0
Compare1
=
COMPARE 0
=
COMPARE 1
CAPTURE_TIMER
TCLK Scaler
System Clock
TQ
CTOUT0
TQ
CTOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com