Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 28Page - Texas Instruments TAS2780 Datasheet HTML 29Page - Texas Instruments TAS2780 Datasheet HTML 30Page - Texas Instruments TAS2780 Datasheet HTML 31Page - Texas Instruments TAS2780 Datasheet HTML 32Page - Texas Instruments TAS2780 Datasheet HTML 33Page - Texas Instruments TAS2780 Datasheet HTML 34Page - Texas Instruments TAS2780 Datasheet HTML 35Page - Texas Instruments TAS2780 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
The TAS2780 also monitors die temperature and Class-D load current and will enter Software Shutdown mode
if either of these exceed safe values. As with the TDM clock error, the IRQZ pin will assert low for these faults if
the fault interrupt mask register bit is set low for over temperature and for over current. The fault status can also
be monitored in the latched fault registers.
Die over temperature and Class-D over current errors can either be latching (for example, the device will enter
Software Shutdown until a Hardware or Software Shutdown sequence is applied) or they can be programmed to
automatically retry after a prescribed time. This behavior can be configured in the OTE_RETRY, OCE_RETRY
register bits (for over temperature and over current respectively). Even in latched mode, the Class-D will not
attempt to retry after an over temperature or over current error until the retry time period (1.5 s) has elapsed.
This prevents applying repeated stress to the device in a rapid fashion that could lead to device damage. If the
device has been cycled through a Hardware or Software Shutdown, it will only begin to operate after the retry
time period.
By default all retry features are disabled.
When exiting Software Shutdown to Active mode (for example: MODE[2:0] bits from 010b to 000b), if PVDD
under voltage is detected, the device will go back into Software Shutdown mode and an interrupt (IL_PUVLO)
will be flagged. To exit this fault user needs to clear the interrup and program the device in Software Shutdown
using MODE[2:0] bits, before making another attempt to go to Active mode.
A similar situation might occur in PWR_MODE2, if internal VBAT1S LDO undervoltage is detected and
IL_LDO_UV interrupt is flagged.
The status registers (and IRQZ pin, if enabled via the status mask register) also indicate limiter behavior
including when the limiter is activated, when PVDD is below the inflection point, when maximum attenuation has
been applied, when the limiter is in infinite hold and when the limiter has muted the audio.
In situations when the device operates in PWR_MODE2 the VBAT1S pin is supplied by an internal LDO.
Protection circuits monitor this block and generate faults in case of under voltage, over voltage or if the LDO is
over loaded. The device goes into Software Shutdown mode if one of these faults triggers.
The IRQZ pin is an open drain output that asserts low during unmasked fault conditions and therefore must be
pulled up with a resistor to IOVDD. An internal pull up resistor is provided and can be accessed (connected to
the pin) by setting the IRQZ_PU register bit high.
The IRQZ interrupt configuration can be set using IRQZ_PIN_CFG[1:0] register bits. The IRQZ_POL register bit
sets the interrupt polarity.
The INT_LTCH_CLR register bit allows to clear all the interrupt latch register bits.
Live flag registers are active only when the device is in Active mode of operation. If the device is shutdown by
I2C command or due to any fault condition described below, the live flags will be reset. Latched flags will not be
reset in this condition and available for user to read their status.
Table 8-7. Fault Interrupt Mask
Interrupt
Live Register Bit
Latch Register Bit
Mask Register Bit
Default (1 = Mask)
Temp Over 105°C
IL_TO105
IR_TO105
IM_TO105
1
Temp Over 115°C
IL_TO115
IR_TO115
IM_TO115
1
Temp Over 125°C
IL_TO125
IR_TO125
IM_TO125
1
Temp Over 135°C
IL_TO135
IR_TO135
IM_TO135
1
Over Temp Error
Device in shutdown
IR_OT
IM_OT
0
Over Current Error
Device in shutdown
IR_OC
IM_OC
0
TDM Clock Error
Device in shutdown
IR_TDMCE
IM_TDMCE
1
TDM Clock Error: Invalid SBCLK ratio or FS
rate
IR_TDMCEIR
TDM Clock Error: FS changed on the fly
IR_TDNCEFC
TDM Clock Error: SBCLK FS ratio changed on
the fly
IR_TDMCERC
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com