Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 3Page - Texas Instruments TAS2780 Datasheet HTML 4Page - Texas Instruments TAS2780 Datasheet HTML 5Page - Texas Instruments TAS2780 Datasheet HTML 6Page - Texas Instruments TAS2780 Datasheet HTML 7Page - Texas Instruments TAS2780 Datasheet HTML 8Page - Texas Instruments TAS2780 Datasheet HTML 9Page - Texas Instruments TAS2780 Datasheet HTML 10Page - Texas Instruments TAS2780 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
TA = 25 °C, PVDD = 18 V, VBAT1S = 3.8 V, AVDD = 1.8V, IOVDD =1.8 V, RL = 4Ω + 15µH, fin = 1 kHz, fs = 48 kHz, Gain = 21
dBV, SDZ = 1, NG_EN=0, EN_LLSR=0, PWR_MODE1(2), measured filter free as in Section 7 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIAGNOSTIC GENERATOR
THD+N
Total Harmonic Distortion and
Noise
Pout = 1 W
-82
dB
ferr
Frequency Error
Using internal oscillator: DG_CLK = 0
2
%
DIE TEMPERATURE
SENSOR
Resolution
8
bits
Minimum Temperature
Measurement Range
-40
°C
Maximum Temperature
Measurement Range
150
°C
Die Temperature Resolution
1
°C
Die Temperature Accuracy
-5
5
°C
VOLTAGE
MONITOR
Resolution
12
bits
PVDD Measurement Range
Minimum Level
2
V
Maximum Level
23
PVDD Resolution
22.5
mV
PVDD Accuracy
2 V ≤ PVDDV ≤ 23 V
±60
mV
VBAT1S Measurement
Range
Minimum Level
2
V
Maximum Level
6
VBAT1S Resolution
20
mV
VBAT1S Accuracy
2.3 V ≤ VBAT1S ≤ 6 V
±20
mV
TDM SERIAL AUDIO PORT
Minimum PCM Sample Rates
and FSYNC Input Frequency
44.1
kHz
Maximum PCM Sample
Rates and FSYNC Input
Frequency
96
Minimum SBCLK Input
Frequency
I2S/TDM Operation
0.7056
MHz
Maximum SBCLK Input
Frequency
I2S/TDM Operation
24.576
SBCLK Maximum Input Jitter
RMS Jitter below 40 kHz that can be tolerated without
performance degradation
0.5
ns
RMS Jitter above 40 kHz that can be tolerated without
performance degradation
1
Minimum SBCLK Cycles per
FSYNC in I2S and TDM
Modes
Other Values: 24, 32, 48, 64, 96, 125, 128, 192, 250, 256,
384, 500
16
Cycles
Maximum SBCLK Cycles per
FSYNC in I2S and TDM
Modes
Other Values: 24, 32, 48, 64, 96, 125, 128, 192, 250, 256,
384, 500
512
PCM PLAYBACK
CHARACTERISTICS fs ≤ 48 kHz
fs
Minimum Sample Rate
44.1
kHz
Maximum Sample Rate
48
Frequency for Passband
Ripple
0.454
fs
Passband Ripple
20 Hz to LPF cutoff frequency
-0.15
0.15
dB
Stop Band Attenuation
≥ 0.55 fs
60
dB
≥ 1 fs
65
Group Delay (Including Noise
Gate)
DC to 0.454 fs, DC blocker disabled
19
1/fs
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com