Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 13Page - Texas Instruments TAS2780 Datasheet HTML 14Page - Texas Instruments TAS2780 Datasheet HTML 15Page - Texas Instruments TAS2780 Datasheet HTML 16Page - Texas Instruments TAS2780 Datasheet HTML 17Page - Texas Instruments TAS2780 Datasheet HTML 18Page - Texas Instruments TAS2780 Datasheet HTML 19Page - Texas Instruments TAS2780 Datasheet HTML 20Page - Texas Instruments TAS2780 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 97 page
background image
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Device Address Selection
The TAS2780 operates using a TDM/I2S interface. Audio input and output are provided via the FSYNC, SBCLK,
SDIN and SDOUT pins using formats including I2S, Left Justified and TDM. Configuration and status are
provided via the SDA and SCL pins using the I2C protocol.
The table below illustrates how to configure the device for I2C address . The peripheral addresses are shown left
shifted by one bit with the R/W bit set to 0 (for example, {ADDR[6:0],1b0}). Resistors with tolerance better than
5% must be used for setting the address configuration.
Table 8-2. I2C Address Selection
I2C Address
0x70
0x72
0x74
0x76
0x78
0x7A
0x7C
0x7E
ADDR PIN
Short to
GND
470 Ω to
GND
470 Ω to
AVDD
2.2k Ω to
GND
2.2k Ω to
AVDD
10 kΩ to
GND
10 kΩ to
AVDD
Short to AVDD
The TAS2780 has a global 7-bit I2C address 0x80. When enabled, the device will additionally respond to I2C
commands at this address regardless of the ADDR pin settings. This is used to speed up device configuration
when using multiple TAS2780 devices and programming similar settings across all devices. The I2C ACK/ NACK
cannot be used during the multi-device writes since multiple devices are responding to the I2C command.
The I2C CRC function should be used to ensure each device properly received the I2C commands. At the
completion of writing multiple devices using the global address, the CRC at I2C_CKSUM register should be
checked on each device using the local address for a proper value. The global I2C address can be disabled
using I2C_GBL_EN register bit. The I2C address is detected by automatically sampling the ADDR pin when
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com