Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 7Page - Texas Instruments TAS2780 Datasheet HTML 8Page - Texas Instruments TAS2780 Datasheet HTML 9Page - Texas Instruments TAS2780 Datasheet HTML 10Page - Texas Instruments TAS2780 Datasheet HTML 11Page - Texas Instruments TAS2780 Datasheet HTML 12Page - Texas Instruments TAS2780 Datasheet HTML 13Page - Texas Instruments TAS2780 Datasheet HTML 14Page - Texas Instruments TAS2780 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
TA = 25 °C, AVDD = IOVDD = 1.8 V, 20 pF load on all outputs(unless otherwise noted)
MIN
MAX
UNIT
tSU(FSYNC)
FSYNC setup time
8
ns
tHLD(FSYNC)
FSYNC hold time
8
ns
tSU(SDIN/ICC)
SDIN/ICC setup time
8
ns
tHLD(SDIN/ICC)
SDIN/ICC hold time
8
ns
td(SBCLK_SDOUT/ICC)
SBCLK to SDOUT/ICC
delay
50% of SBCLK to 50% of SDOUT/ICC,
IOVDD=1.8V
30
ns
tr(SBCLK)
SBCLK rise time
10 % - 90 % Rise Time
8
ns
tf(SBCLK)
SBCLK fall time
90 % - 10 % Fall Time
8
ns
tBUF
STO
STA
th(STA)
tLOW
tr
th(DAT)
tf
tHIGH
tsu(DAT)
SDA
SCL
tsu(STA)
STA
th(STA)
STO
tsu(STO)
Figure 6-1. I2C Timing Diagram
Figure 6-2. TDM and ICC Timing Diagram
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com