Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 8Page - Texas Instruments TAS2780 Datasheet HTML 9Page - Texas Instruments TAS2780 Datasheet HTML 10Page - Texas Instruments TAS2780 Datasheet HTML 11Page - Texas Instruments TAS2780 Datasheet HTML 12Page - Texas Instruments TAS2780 Datasheet HTML 13Page - Texas Instruments TAS2780 Datasheet HTML 14Page - Texas Instruments TAS2780 Datasheet HTML 15Page - Texas Instruments TAS2780 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
6.8 Typical Characteristics
At TA = 25 0C, fs = 48 kHz, Class-D Switching Frequency = 384 kHz, input signal fIN = 1kHz - Sine, Load = 4Ω
+15 μH, unless otherwise noted.
POUT (W)
0.001
0.01
0.1
1
10
50
-100
-80
-60
-40
-20
0
VBAT = 3.8 V, PVDD = 18 V
VBAT = 3.8 V, PVDD = 12 V
VBAT = 5 V, PVDD = 18 V
VBAT = 5 V, PVDD = 21 V
PWR_MODE1
Figure 6-3. THD+N vs Output Power
POUT (W)
0.001
0.01
0.1
1
10
50
-100
-80
-60
-40
-20
0
VBAT = 3.8 V, PVDD = 18 V
VBAT = 3.8 V, PVDD = 12 V
VBAT = 5 V, PVDD = 18 V
VBAT = 5 V, PVDD = 21 V
PWR_MODE0
Figure 6-4. THD+N vs Output Power
POUT (W)
0.001
0.01
0.1
1
10
50
-100
-80
-60
-40
-20
0
VBAT = 3.8 V, PVDD = 18 V
VBAT = 3.8 V, PVDD = 12 V
VBAT = 5 V, PVDD = 18 V
VBAT = 5 V, PVDD = 21 V
fIN= 6.667 kHz
PWR_MODE1
Figure 6-5. THD+N vs Output Power
POUT (W)
0.001
0.01
0.1
1
10
50
-100
-80
-60
-40
-20
0
VBAT = 3.8 V, PVDD = 18 V
VBAT = 3.8 V, PVDD = 12 V
VBAT = 5 V, PVDD = 18 V
VBAT = 5 V, PVDD = 21 V
fIN= 6.667 kHz
PWR_MODE0
Figure 6-6. THD+N vs Output Power
Frequency (Hz)
-85
-84
-83
-82
-81
-80
-79
-78
-77
-76
-75
10
100
1000
10K 20K
VBAT = 3.8 V, PVDD = 18 V
VBAT = 3.8 V, PVDD = 12 V
VBAT = 5 V, PVDD = 18 V
VBAT = 3.4 V, PVDD = 21 V
VBAT = 5 V, PVDD = 21 V
VBAT = 5.5 V, PVDD = 23 V
POUT= 0.1 W
PWR_MODE1
Figure 6-7. THD+N vs Frequency
Frequency (Hz)
-95
-93
-91
-89
-87
-85
-83
-81
-79
-77
-75
-73
-71
-69
-67
-65
10
100
1000
10K 20K
VBAT = 3.8 V, PVDD = 12 V
VBAT = 3.8 V, PVDD = 18 V
VBAT = 5 V, PVDD = 18 V
VBAT = 3.4 V, PVDD = 21 V
VBAT = 5 V, PVDD = 21 V
VBAT = 5.5 V, PVDD = 23 V
POUT = 1 W
PWR_MODE1
Figure 6-8. THD+N vs Frequency
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com