Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 37Page - Texas Instruments TAS2780 Datasheet HTML 38Page - Texas Instruments TAS2780 Datasheet HTML 39Page - Texas Instruments TAS2780 Datasheet HTML 40Page - Texas Instruments TAS2780 Datasheet HTML 41Page - Texas Instruments TAS2780 Datasheet HTML 42Page - Texas Instruments TAS2780 Datasheet HTML 43Page - Texas Instruments TAS2780 Datasheet HTML 44Page - Texas Instruments TAS2780 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
Bit
Field
Type
Reset
Description
3-1
SAMP_RATE[2:0]
RW
4h
Sample rate of the TDM bus
000b-011b = Reserved
100b = 44.1/48 kHz
101b = 88.2/96 kHz
110b-111b = Reserved
0
FRAME_START
RW
1h
TDM frame start polarity
0b = Low to High on FSYNC
1b = High to Low on FSYNC
8.9.14 TDM_CFG1 (page=0x00 address=0x09) [reset=02h]
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
6
RX_JUSTIFY
RW
0h
TDM RX sample justification within the time slot
0b = Left
1b = Right
5-1
RX_OFFSET[4:0]
RW
1h
TDM RX start of frame to time slot 0 offset - number of SBCLK
cycles from transiton of FSYNC
0
RX_EDGE
RW
0h
TDM RX capture clock polarity
0b = Rising edge of SBCLK
1b = Falling edge of SBCLK
8.9.15 TDM_CFG2 (page=0x00 address=0x0A) [reset=0Ah]
Bit
Field
Type
Reset
Description
7-6
IVMON_LEN[1:0]
RW
0h
Sets the current and voltage data to length of
00b = 16 bits
01b = 12 bits
10b = 8 bits
11b = Reserved
5-4
RX_SCFG[1:0]
RW
0h
TDM RX time slot select config
00b = Mono with time slot equal to I2C address offset
01b = Mono left channel
10b = Mono right channel
11b = Stereo downmix (L+R)/2
3-2
RX_WLEN[1:0]
RW
2h
TDM RX word length
00b = 16 bits
01b = 20 bits
10b = 24 bits
11b = 32 bits
1-0
RX_SLEN[1:0]
RW
2h
TDM RX time slot length
00b = 16 bits
01b = 24 bits
10b = 32 bits
11b = Reserved
8.9.16 LIM_MAX_ATTN (page=0x00 address=0x0B) [reset=80h]
Bit
Field
Type
Reset
Description
7-4
LIM_MAX_ATTN[3:0]
RW
8h
Limiter Maximum Attenuation
0h = 1 dB
1h = 2 dB
2h = 3 dB
...
0Eh = 15 dB
0Fh = Reserved
3-0
Reserved
R
0h
Reserved
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com