Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 45Page - Texas Instruments TAS2780 Datasheet HTML 46Page - Texas Instruments TAS2780 Datasheet HTML 47Page - Texas Instruments TAS2780 Datasheet HTML 48Page - Texas Instruments TAS2780 Datasheet HTML 49Page - Texas Instruments TAS2780 Datasheet HTML 50Page - Texas Instruments TAS2780 Datasheet HTML 51Page - Texas Instruments TAS2780 Datasheet HTML 52Page - Texas Instruments TAS2780 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
8.9.39 BOP_CFG5 (page=0x00 address=0x22) [reset=4Ch]
Bit
Field
Type
Reset
Description
7-0
BOP_TH3[7:0]
RW
4Ch
BOP level 3 threshold (V)
Setting
BOP_SRC=0 (VBAT1S Source)
BOP_SRC=1 (PVDD Source)
00h
2.7
5.5
01h
2.75
5.55
02h
2.8
5.6
.....
.....
.....
38h
5.5
8.3
39h
Reserved
8.35
.....
Reserved
.....
5Ah
Reserved
10
.....
Reserved
.....
FDh
Reserved
18.15
FEh
Reserved
18.2
FFh
Reserved
18.25
8.9.40 BOP_CFG6 (page=0x00 address=0x23) [reset=20h]
Bit
Field
Type
Reset
Description
7-5
BOP_HT3[2:0]
RW
1h
BOP level 3 hold time
0h = 0 ms
1h = 10 ms
2h = 100 ms
3h = 250 ms
4h = 500ms
5h = 1000 ms
6h = 2000 ms
7h = Infinte (This can be exited using BOP_HLD_CLR bit)
4
BOP_DIS3
RW
0h
BOP level 3
0b = Enabled
1b = Disabled
3-0
BOP_STAT_STATE[3:0]
R
0h
BOP current state - set BOP_STAT_HLD bit high to hold update
and valid readack
0h = Idle
1h = Attacking Level 3
2h = Attacking Level 2
3h = Attacking Level 1
4h = Attacking Level 0
5h = Holding Level 3
6h = Holding Level 2
7h = Holding Level1
8h = Holding Level 0
9h = Releasing Level 3
Ah = Releasing Level 2
Bh = Releasing Level 1
Ch = Releasing Level 0
Dh-Fh = Reserved
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com