Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 25Page - Texas Instruments TAS2780 Datasheet HTML 26Page - Texas Instruments TAS2780 Datasheet HTML 27Page - Texas Instruments TAS2780 Datasheet HTML 28Page - Texas Instruments TAS2780 Datasheet HTML 29Page - Texas Instruments TAS2780 Datasheet HTML 30Page - Texas Instruments TAS2780 Datasheet HTML 31Page - Texas Instruments TAS2780 Datasheet HTML 32Page - Texas Instruments TAS2780 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
To prevent the damage the OCP limit needs to be adjusted based on VBAT1S level measured by the internal
SAR ADC. The table below presents the thresholds where the OCP will be adjusted and the settings of the
registers to program these thresholds.
Once the VBAT1S supply is detected to a level below 3.4 V the device needs to be put in software shutdown or
in idle mode before programming the registers.
Table 8-4. OCP Thresholds vs VBAT
VBAT1S Range
PVDD OCP Level
Book/Page/Register - New Setting
VBAT1S ≥ 3.4 V
6.6 A
NA
3.1 V ≤ VBAT1S < 3.4 V
6 A
B_0/P_0/R_6 - 01
2.9 V ≤ VBAT1S < 3.1 V
5.3 A
B_0/P_0/R_6 - 02
2.7 V ≤ VBAT1S < 2.9 V
4.3 A
B_0/P_FD/R_3A - 7D
B_0/P_FD/R_3B - See Section 10.6
B_0/P_FD/R_5C - C0
The control of OCP threshold from above is needed only in power modes where VBAT1S is supplied externaly
and the Class-D outputs are switching on PVDD (PWR_MODE0, PWR_MODE1).
8.4.10 Clocks and PLL
The device clocking is derived from the SBCLK input clock. Table 8-5 and Table 8-6 show the valid SBCLK clock
frequencies for each sample rate and SBCLK to FSYNC ratios.
Table 8-5. Supported SBCLK Frequencies (48 kHz based sample rates)
Sample Rate
(kHz)
SBCLK to FSYNC Ratio
16
24
32
48
64
96
125
48 kHz
768 kHz
1.152 MHz
1.536 MHz
2.304 MHz
3.072 MHz
4.608 MHz
6 MHz
96 kHz
1.536 MHz
2.304 MHz
3.072 MHz
4.608 MHz
6.144 MHz
9.216 MHz
12 MHz
Sample Rate
(kHz)
SBCLK to FSYNC Ratio
128
192
250
256
384
500
512
48 kHz
6.144 MHz
9.216 MHz
12 MHz
12.288 MHz
18.432 MHz
24 MHz
24.576 MHz
96 kHz
12.288 MHz
18.432 MHz
24 MHz
24.576 MHz
-
-
-
Table 8-6. Supported SBCLK Frequencies (44.1 kHz based sample rates)
Sample Rate
(kHz)
SBCLK to FSYNC Ratio
16
24
32
48
64
96
125
44.1 kHz
705.6 kHz
1.0584 MHz
1.4112 MHz
2.1168 MHz
2.8224 MHz
4.2336 MHz
5.5125 MHz
88.2 kHz
1.4112 MHz
2.1168 MHz
2.8224 MHz
4.2336 MHz
5.6448 MHz
8.4672 MHz
11.025 MHz
Sample Rate
(kHz)
SBCLK to FSYNC Ratio
128
192
250
256
384
500
512
44.1 kHz
5.6448 MHz
8.4672 MHz
11.025 MHz
11.2896 MHz
16.9344 MHz
22.05 MHz
22.5792 MHz
88.2 kHz
11.2896 MHz
16.9344 MHz
22.05 MHz
22.5792 MHz
-
-
-
If the sample rate is properly configured via the SAMP_RATE[2:0] register bits, no additional configuration is
required as long as the SBCLK to FSYNC ratio is valid. The device will detect improper SBCLK frequencies and
SBCLK to FSYNC ratios and volume ramp down the playback path to minimize audible artifacts. After the clock
error is detected, the device will enter a low power halt mode after a time set by CLK_HALT_TIMER[2:0] register
bits if DIS_CLK_HALT bit is low. Additionally, the device can automatically power up and down on valid clock
signals if CLK_PWR_UD_EN register bit is set to high. The device sampling rate should not be changed while
this feature is enabled. In this mode the DIS_CLK_HALT bit register should be set low in order for this feature to
work properly.
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com