Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 66Page - Texas Instruments TAS2780 Datasheet HTML 67Page - Texas Instruments TAS2780 Datasheet HTML 68Page - Texas Instruments TAS2780 Datasheet HTML 69Page - Texas Instruments TAS2780 Datasheet HTML 70Page - Texas Instruments TAS2780 Datasheet HTML 71Page - Texas Instruments TAS2780 Datasheet HTML 72Page - Texas Instruments TAS2780 Datasheet HTML 73Page - Texas Instruments TAS2780 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 97 page
background image
8.9.104 SDOUT_HIZ_1 (page=0x01 address=0x3D) [reset=00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ1[7:0]
RW
00h
Force '0' output control for slots 7 down to 0. This register to be
programmed as zero in case the slot is not valid as per valid
FSRATIO
8.9.105 SDOUT_HIZ_2 (page=0x01 address=0x3E) [reset=00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ2[7:0]
RW
00h
Force '0' output control for slots 15 down to 8. This register to
be programmed as zero in case the slot is not valid as per valid
FSRATIO
8.9.106 SDOUT_HIZ_3 (page=0x01 address=0x3F) [reset=00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ3[7:0]
RW
00h
Force '0' output control for slots 23 down to 16. This register to
be programmed as zero in case the slot is not valid as per valid
FSRATIO
8.9.107 SDOUT_HIZ_4 (page=0x01 address=0x40) [reset=00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ4[7:0]
RW
00h
Force '0' output control for slots 31 down to 24. This register to
be programmed as zero in case the slot is not valid as per valid
FSRATIO
8.9.108 SDOUT_HIZ_5 (page=0x01 address=0x41) [reset=00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ5[7:0]
RW
00h
Force '0' output control for slots 39 down to 32. This register to
be programmed as zero in case the slot is not valid as per valid
FSRATIO
8.9.109 SDOUT_HIZ_6 (page=0x01 address=0x42) [reset=00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ6[7:0]
RW
00h
Force '0' output control for slots 47 down to 40. This register to
be programmed as zero in case the slot is not valid as per valid
FSRATIO
8.9.110 SDOUT_HIZ_7 (page=0x01 address=0x43) [reset=00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ7[7:0]
RW
00h
Force '0' output control for slots 55 down to 48. This register to
be programmed as zero in case the slot is not valid as per valid
FSRATIO
8.9.111 SDOUT_HIZ_8 (page=0x01 address=0x44) [reset=00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ8[7:0]
RW
00h
Force '0' output control for slots 63 down to 56. This register to
be programmed as zero in case the slot is not valid as per valid
FSRATIO
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
70
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com