Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 5Page - Texas Instruments TAS2780 Datasheet HTML 6Page - Texas Instruments TAS2780 Datasheet HTML 7Page - Texas Instruments TAS2780 Datasheet HTML 8Page - Texas Instruments TAS2780 Datasheet HTML 9Page - Texas Instruments TAS2780 Datasheet HTML 10Page - Texas Instruments TAS2780 Datasheet HTML 11Page - Texas Instruments TAS2780 Datasheet HTML 12Page - Texas Instruments TAS2780 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
TA = 25 °C, PVDD = 18 V, VBAT1S = 3.8 V, AVDD = 1.8V, IOVDD =1.8 V, RL = 4Ω + 15µH, fin = 1 kHz, fs = 48 kHz, Gain = 21
dBV, SDZ = 1, NG_EN=0, EN_LLSR=0, PWR_MODE1(2), measured filter free as in Section 7 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBAT1S Internal LDO
Undervoltage Lockout
Threshold
UVLO is asserted
4
V
TYPICAL CURRENT CONSUMPTION
Hardware Shutdown
SDZ = 0, PVDD
0.05
µA
SDZ = 0, VBAT1S
0.01
SDZ = 0, AVDD
0.14
SDZ = 0, IOVDD
0.005
Software Shutdown
All Clocks Stopped, PVDD
0.05
µA
All Clocks Stopped, VBAT1S
0.5
All Clocks Stopped, AVDD
10.2
All Clocks Stopped, IOVDD
0.55
mA
Noise Gate Mode
fs = 48 kHz, PVDD
0.012
fs = 48 kHz, VBAT1S
0.13
fs = 48 kHz, AVDD
3
fs = 48 kHz, IOVDD
0.01
Idle Mode - PWR_MODE1
fs = 48 kHz, PVDD
0.04
mA
fs = 48 kHz, VBAT1S
2.2
fs = 48 kHz, AVDD, IV Sense = Enabled
9.2
fs = 48 kHz, AVDD, IV Sense = Disabled
6.8
fs = 48 kHz, IOVDD
0.02
Idle Mode - PWR_MODE2
fs = 48 kHz, PVDD
3
mA
fs = 48 kHz, AVDD, IV Sense = Enabled
9.2
fs = 48 kHz, AVDD, IV Sense = Disabled
6.8
fs = 48 kHz, IOVDD
0.02
Idle Mode - PWR_MODE0
fs = 48 kHz, PVDD
2.28
mA
fs = 48 kHz, VBAT1S
2.1
fs = 48 kHz, AVDD, IV Sense = Enabled
9.2
fs = 48 kHz, AVDD, IV Sense = Disabled
6.8
fs = 48 kHz, IOVDD
0.02
(1)
PWR_MODE0: CDS_MODE=10, VBAT1S_MODE=0
(2)
PWR_MODE1: CDS_MODE=00, VBAT1S_MODE=0
(3)
PWR_MODE2: CDS_MODE=11, VBAT1S_MODE=1
(4)
PWR_MODE3: CDS_MODE=01, VBAT1S_MODE=0
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com